Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFZ2HBM4R4SN10 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NFZ2HBM4R4SN10
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFZ2HBM4R4SN10 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NFZ2HBM4R4SN10 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFZ2HBM4R4SN10 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFZ2HBM4R4SN10 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NFZ2HBM4R4SN10#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
2520
Size Code (in inch)
1008
Length
2.5mm
Length Tolerance
±0.2mm
Width
2.0mm
Width Tolerance
±0.2mm
Thickness
0.9mm
Thickness Tolerance
±0.1mm
Rated Current
1.05A
Operating Temperature Range
-
55
to
125
Mass(typ.)
0.022g
Number of Circuit
1
DC Resistance(max.)
0.026Ω
DC Resistance
0.105Ω±25%
Impedance (at 1MHz)
4.4Ω
Impedance (at 1MHz) Tolerance
±30%
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/07/28


Similar Part No. - NFZ2HBM4R4SN10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFZ2HBM4R4SN10 MURATA1-NFZ2HBM4R4SN10 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM4R4SN10B MURATA1-NFZ2HBM4R4SN10B Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM4R4SN10L MURATA1-NFZ2HBM4R4SN10L Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM4R4SN10 MURATA1-NFZ2HBM4R4SN10_V01 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
More results

Similar Description - NFZ2HBM4R4SN10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com