Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G126GM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G126GM
Description  Bus buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G126GM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G126GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2004 Sep 21
9
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74LVC1G126
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.0 ns.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C
tPHL/tPLH
propagation delay A to Y
see Figs 6 and 8
1.65 to 1.95
1.0
3.0
8.0
ns
2.3 to 2.7
0.5
2.1
5.5
ns
2.7
0.5
2.3
5.5
ns
3.0 to 3.6
0.5
2.0
4.5
ns
4.5 to 5.5
0.5
1.7
4.0
ns
tPZH/tPZL
3-state output enable time
input OE to Y
see Figs 7 and 8
1.65 to 1.95
1.0
3.2
9.4
ns
2.3 to 2.7
0.5
2.2
6.6
ns
2.7
0.5
2.4
6.6
ns
3.0 to 3.6
0.5
2.1
5.3
ns
4.5 to 5.5
0.5
1.6
5.0
ns
tPHZ/tPLZ
3-state output disable time
input OE to Y
see Figs 7 and 8
1.65 to 1.95
1.0
4.3
9.2
ns
2.3 to 2.7
0.5
2.7
5.5
ns
2.7
0.5
3.4
5.5
ns
3.0 to 3.6
0.5
3.0
5.5
ns
4.5 to 5.5
0.5
2.2
4.2
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay A to Y
see Figs 6 and 8
1.65 to 1.95
1.0
10.5
ns
2.3 to 2.7
0.5
7ns
2.7
0.5
7ns
3.0 to 3.6
0.5
6ns
4.5 to 5.5
0.5
5.5
ns
tPZH/tPZL
3-state output enable time
input OE to Y
see Figs 7 and 8
1.65 to 1.95
1.0
12
ns
2.3 to 2.7
0.5
8.5
ns
2.7
0.5
8.5
ns
3.0 to 3.6
0.5
7ns
4.5 to 5.5
0.5
6.5
ns
tPHZ/tPLZ
3-state output disable time
input OE to Y
see Figs 7 and 8
1.65 to 1.95
1.0
12
ns
2.3 to 2.7
0.5
7ns
2.7
0.5
7ns
3.0 to 3.6
0.5
7ns
4.5 to 5.5
0.5
5.5
ns


Similar Part No. - 74LVC1G126GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126GM NXP-74LVC1G126GM Datasheet
90Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 07-30 August 2007
74LVC1G126GM NXP-74LVC1G126GM Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
74LVC1G126GM NXP-74LVC1G126GM Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
logo
Nexperia B.V. All right...
74LVC1G126GM NEXPERIA-74LVC1G126GM Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results

Similar Description - 74LVC1G126GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com