Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7614P Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7614P
Description  Quad, Serial Input, 12-Bit, Voltage Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7614P Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7614P Datasheet HTML 6Page - Texas Instruments DAC7614P Datasheet HTML 7Page - Texas Instruments DAC7614P Datasheet HTML 8Page - Texas Instruments DAC7614P Datasheet HTML 9Page - Texas Instruments DAC7614P Datasheet HTML 10Page - Texas Instruments DAC7614P Datasheet HTML 11Page - Texas Instruments DAC7614P Datasheet HTML 12Page - Texas Instruments DAC7614P Datasheet HTML 13Page - Texas Instruments DAC7614P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
10
DAC7614
REFERENCE INPUTS
The reference inputs, VREFL and VREFH, can be any voltage
between VSS + 2.25V and VDD – 2.25V provided that
VREFH is at least 1.25V greater than VREFL. The minimum
output of each DAC is equal to VREFL – 1LSB plus a small
offset voltage (essentially, the offset of the output op amp).
The maximum output is equal to VREFH plus a similar
offset voltage. Note that VSS (the negative power supply)
must either be connected to ground or must be in the range
of –4.75V to –5.25V. The voltage on VSS sets several bias
points within the converter. If VSS is not in one of these two
configurations, the bias values may be in error and proper
operation of the device is not guaranteed.
The current into the reference inputs depends on the DAC
output voltages and can vary from a few microamps to
approximately 0.6 milliamp. Bypassing the reference volt-
age or voltages with a 0.1
µF capacitor placed as close as
possible to the DAC7614 package is strongly recommended.
DIGITAL INTERFACE
Figure 3 and Table I provide the basic timing for the
DAC7614. The interface consists of a serial clock (CLK),
serial data (SDI), and a load DAC signal (LOADDACS). In
addition, a chip select (CS) input is available to enable serial
communication when there are multiple serial devices. An
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tDS
Data Valid to CLK Rising
25
ns
tDH
Data Held Valid after CLK Rises
20
ns
tCH
CLK HIGH
30
ns
tCL
CLK LOW
50
ns
tCSS
CS LOW to CLK Rising
55
ns
tCSH
CLK HIGH to CS Rising
15
ns
tLD1
LOADDACS HIGH to CLK Rising
40
ns
tLD2
CLK Rising to LOADDACS LOW
15
ns
tLDDW
LOADDACS LOW Time
45
ns
tRSSH
RESETSEL Valid to RESET LOW
25
ns
tRSTW
RESET LOW Time
70
ns
tS
Settling Time
10
µs
FIGURE 3. DAC7614 Timing.
TABLE I. Timing Specifications (TA = –40°C to +85°C).
asynchronous reset input (RESET) is provided to simplify
start-up conditions, periodic resets, or emergency resets to a
known state.
The DAC code and address are provided via a 16-bit serial
interface as shown in Figure 3. The first two bits select the
DAC register that will be updated when LOADDACS goes
LOW (see Table II). The next two bits are not used. The last
12 bits is the DAC code which is provided, most significant
bit first.
A1
(MSB)
(LSB)
SDI
CLK
CS
LOADDAC
A0
X
X
D11
D10
D9
D3
D2
D1
D0
SDI
CLK
LOADDAC
RESET
V
OUT
tcss
t
LD1
t
CL
t
CH
t
DS
t
DH
t
LD2
t
LDDW
t
LDDW
t
S
t
RSTW
t
RSSH
t
CSH
t
S
1 LSB
ERROR BAND
1 LSB
ERROR BAND
RESETSEL


Similar Part No. - DAC7614P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614P BURR-BROWN-DAC7614P Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614P TI1-DAC7614P Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614PB BURR-BROWN-DAC7614PB Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614PB TI1-DAC7614PB Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614PBG4 TI1-DAC7614PBG4 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7614P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7615 TI1-DAC7615_09 Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com