Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7615P Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7615P
Description  Quad, Serial Input, 12-Bit, Voltage Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7615P Datasheet(HTML) 2 Page - Texas Instruments

  DAC7615P Datasheet HTML 1Page - Texas Instruments DAC7615P Datasheet HTML 2Page - Texas Instruments DAC7615P Datasheet HTML 3Page - Texas Instruments DAC7615P Datasheet HTML 4Page - Texas Instruments DAC7615P Datasheet HTML 5Page - Texas Instruments DAC7615P Datasheet HTML 6Page - Texas Instruments DAC7615P Datasheet HTML 7Page - Texas Instruments DAC7615P Datasheet HTML 8Page - Texas Instruments DAC7615P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
2
DAC7615
SPECIFICATIONS
At TA = –40°C to +85°C, VDD = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, unless otherwise noted.
DAC7615E, P, U
DAC7615EB, PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
VSS = 0V or –5V
±2
±1
LSB(2)
Linearity Matching(3)
VSS = 0V or –5V
±2
±1
LSB
Differential Linearity Error
VSS = 0V or –5V
±1
±1
LSB
Monotonicity
12
T
Bits
Zero-Scale Error
Code = 000H
±4
T
LSB
Zero-Scale Drift
25
TT
ppm/
°C
Zero-Scale Matching(3)
±2
±1
LSB
Full-Scale Error
Code = FFFH
±4
T
LSB
Full-Scale Matching(3)
±2
±1
LSB
Zero-Scale Error
Code = 00AH, VSS = 0V
±8
T
LSB
Zero-Scale Drift
VSS = 0V
5
10
TT
ppm/
°C
Zero-Scale Matching(3)
VSS = 0V
±4
±2
LSB
Full-Scale Error
Code = FFFH, VSS = 0V
±8
T
LSB
Full-Scale Matching(3)
VSS = 0V
±4
±2
LSB
Power Supply Rejection
30
T
ppm/V
ANALOG OUTPUT
Voltage Output(4)
VSS = 0V or –5V
VREFL
VREFH
TT
V
Output Current
–1.25
+1.25
TT
mA
Load Capacitance
No Oscillation
100
T
pF
Short-Circuit Current
+5, –15
T
mA
Short-Circuit Duration
Indefinite
T
REFERENCE INPUT
VREFH Input Range
VSS = 0V or –5V
VREFL+1.25
+2.5
TT
V
VREFL Input Range
VSS = 0V
0
VREFH–1.25
TT
V
VREFL Input Range
VSS = –5V
–2.5
VREFH–1.25
TT
V
DYNAMIC PERFORMANCE
Settling Time(5)
To
±0.012%
5
10
TT
µs
Channel-to-Channel Crosstalk
Full-Scale Step
0.1
T
LSB
On Any Other DAC, RL = 2kΩ
Output Noise Voltage
Bandwidth: 0Hz to 1MHz
40
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible CMOS
T
Logic Levels
VIH
| IIH | ≤ 10µA
2.4
VDD+0.3
TT
V
VIL
| IIL | ≤ 10µA
–0.3
0.8
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
4.75
5.25
TT
V
VSS
If VSS ≠ 0V
–5.25
–4.75
TT
V
IDD
1.5
1.9
TT
mA
ISS
–2.1
–1.6
TT
mA
Power Dissipation
VSS = –5V
15
20
TT
mW
VSS = 0V
7.5
10
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
T Specification same as grade to the left.
NOTES: (1) If VSS = 0V, specification applies at code 00AH and above. (2) LSB means Least Significant Bit, with VREFH equal to +2.5V and VREFL equal to –2.5V,
one LSB is 1.22mV. (3) All DAC outputs will match within the specified error band. (4) Ideal output voltage, does not take into account zero or full-scale error.
(5) If VSS = –5V, full-scale step from code 000H to FFFH or vice-versa. If VSS = 0V, full-scale positive step from code 000H to FFFH and negative step from code
FFFH to 00AH.


Similar Part No. - DAC7615P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7615P BURR-BROWN-DAC7615P Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615PB BURR-BROWN-DAC7615PB Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7615P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7614 TI1-DAC7614_09 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com