Electronic Components Datasheet Search |
|
SN74LVCHR16245AKR Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74LVCHR16245AKR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 28 page To Seven Other Channels 1DIR 1A1 1B1 1OE To Seven Other Channels 2DIR 2A1 2B1 2OE Product Folder Sample & Buy Technical Documents Tools & Software Support & Community SN74LVCHR16245A SCAS582Q – NOVEMBER 1996 – REVISED OCTOBER 2014 SN74LVCHR16245A 16-Bit Bus Transceiver With 3-State Outputs 1 Features 2 Applications 1 • Member of the Texas Instruments • Telecom Infrastructures Widebus™ Family • Industrial Transport • Operates From 1.65 V to 3.6 V • Wireless Infrastructures • Inputs Accept Voltages to 5.5 V • Servers • Max tpd of 4.8 ns at 3.3 V • Tests and Measurements • Typical VOLP (Output Ground Bounce) 3 Description < 0.8 V at VCC = 3.3 V, TA = 25°C This 16-bit (dual-octal) noninverting bus transceiver is • Typical VOHV (Output VOH Undershoot) designed for 1.65-V to 3.6-V VCC operation. > 2 V at VCC = 3.3 V, TA = 25°C • Supports Mixed-Mode Signal Operation on The SN74LVCHR16245A device is designed for asynchronous communication between data buses. All Ports (5-V Input/Output Voltage The control-function implementation minimizes With 3.3-V VCC) external-timing requirements. • Bus Hold on Data Inputs Eliminates the Need for External Pullup or Pulldown Resistors Device Information(1) • All Outputs Have Equivalent 26- Ω Series PART NUMBER PACKAGE BODY SIZE (NOM) Resistors, So No External Resistors Are Required TSSOP (48) 12.50 mm × 6.10 mm • Ioff Supports Live Insertion, Partial Power-Down SN74LVCHR16245A SSOP (48) 15.88 mm × 7.49 mm Mode, and Back-Drive Protection TVSOP (48) 9.70 mm × 4.40 mm • Latch-Up Performance Exceeds 250 mA (1) For all available packages, see the orderable addendum at Per JESD 17 the end of the data sheet. • ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model – 200-V Machine Model 4 Simplified Schematic 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - SN74LVCHR16245AKR |
|
Similar Description - SN74LVCHR16245AKR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |