Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH162244A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH162244A
Description  16-Bit Buffer/Driver with 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH162244A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCH162244A Datasheet HTML 3Page - Texas Instruments SN74LVCH162244A Datasheet HTML 4Page - Texas Instruments SN74LVCH162244A Datasheet HTML 5Page - Texas Instruments SN74LVCH162244A Datasheet HTML 6Page - Texas Instruments SN74LVCH162244A Datasheet HTML 7Page - Texas Instruments SN74LVCH162244A Datasheet HTML 8Page - Texas Instruments SN74LVCH162244A Datasheet HTML 9Page - Texas Instruments SN74LVCH162244A Datasheet HTML 10Page - Texas Instruments SN74LVCH162244A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN74LVCH162244A
www.ti.com
SCAS545L – OCTOBER 1995 – REVISED JUNE 2014
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 μA
1.65 V to 3.6 V
VCC – 0.2
IOH = –2 mA
1.65 V
1.2
2.3 V
1.7
IOH = –4 mA
VOH
2.7 V
2.2
V
IOH = –6 mA
3 V
2.4
IOH = –8 mA
2.7 V
2
IOH = –12 mA
3 V
2
IOL = 100 μA
1.65 V to 3.6 V
0.2
IOL = 2 mA
1.65 V
0.45
2.3 V
0.7
IOL = 4 mA
VOL
2.7 V
0.4
V
IOL = 6 mA
3 V
0.55
IOL = 8 mA
2.7 V
0.6
IOL = 12 mA
3 V
0.8
II
VI = 0 to 5.5 V
3.6 V
±5
μA
VI = 0.58 V
1.65 V
(2)
VI = 1.07 V
1.65 V
(2)
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
–45
μA
VI = 0.8 V
3 V
75
VI = 2 V
3 V
–75
VI = 0 to 3.6 V
(3)
3.6 V
±500
Ioff
VI or VO = 5.5 V
0
±10
μA
IOZ
VO = 0 to 5.5 V
3.6 V
±10
μA
VI = VCC or GND
20
ICC
IO = 0
3.6 V
μA
3.6 V
≤ VI ≤ 5.5 V
(4)
20
ΔICC
One input at VCC – 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
500
μA
Ci
VI = VCC or GND
3.3 V
5.5
pF
Co
VO = VCC or GND
3.3 V
6
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This information was not available at the time of publication.
(3)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(4)
This applies in the disabled state only.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVCH162244A


Similar Part No. - SN74LVCH162244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH162244A TI-SN74LVCH162244A Datasheet
175Kb / 11P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH162244ADGGR TI-SN74LVCH162244ADGGR Datasheet
175Kb / 11P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH162244ADGVR TI-SN74LVCH162244ADGVR Datasheet
175Kb / 11P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH162244ADL TI-SN74LVCH162244ADL Datasheet
175Kb / 11P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH162244ADLR TI-SN74LVCH162244ADLR Datasheet
175Kb / 11P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH162244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com