Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16901DGGRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # 74LVCH16901DGGRG4
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16901DGGRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74LVCH16901DGGRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 9Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 10Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 11Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 12Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
tsu
th
SN74LVCH16901
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH PARITY GENERATORS/CHECKERS
SCES145C – OCTOBER 1998 – REVISED JUNE 2005
Figure 1. Load Circuit and Voltage Waveforms
9
Not Recommended For New Designs


Similar Part No. - 74LVCH16901DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH16952ADGGRE4 TI1-74LVCH16952ADGGRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGGRG4 TI1-74LVCH16952ADGGRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRE4 TI1-74LVCH16952ADGVRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRG4 TI1-74LVCH16952ADGVRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADLRG4 TI1-74LVCH16952ADLRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
More results

Similar Description - 74LVCH16901DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16901 TI1-SN74ALVC16901 Datasheet
169Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI-SN74LVCH16901 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901DGGR TI-SN74ALVCH16901DGGR Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901 TI-SN74ALVCH16901 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com