Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC124S085CISDX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part No. DAC124S085CISDX/NOPB
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085CISDX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC124S085CISDX/NOPB Datasheet HTML 2Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 3Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 4Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 5Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 6Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 7Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 8Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 9Page - Texas Instruments DAC124S085CISDX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
DAC124S085
SNAS348G – MAY 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = 25°C, VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, and input code range 48 to 4047 (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(3)
To ensure accuracy, it is required that VA and VREFIN be well bypassed.
IOS
Output short-circuit current
(source)
VA = 3 V, VOUT = 0 V, Input Code = FFFh
–56
mA
VA = 5 V, VOUT = 0 V, Input Code = FFFh
–69
mA
IOS
Output short-circuit current
(sink)
VA = 3 V, VOUT = 3 V, Input Code = 000h
52
mA
VA = 5 V, VOUT = 5 V, Input Code = 000h
75
mA
IO
Continuous output current(2)
Available on each DAC output,
–40°C
≤ TA ≤ 105°C
11
mA
CL
Maximum load capacitance
RL = ∞
1500
pF
RL = 2 kΩ
1500
pF
ZOUT
DC output impedance
7.5
REFERENCE INPUT CHARACTERISTICS
VREFIN
(3
)
Input range minimum
TA = 25°C
0.2
V
–40°C
≤ TA ≤ 105°C
1
Input range maximum
–40°C
≤ TA ≤ 105°C
VA
V
Input impedance
30
k
LOGIC INPUT CHARACTERISTICS
IIN
Input current(2)
–40°C
≤ TA ≤ 105°C
±1
µA
VIL
Input low voltage(2)
VA = 3 V
TA = 25°C
0.9
V
–40°C
≤ TA ≤ 105°C
0.6
VA = 5 V
TA = 25°C
1.5
V
–40°C
≤ TA ≤ 105°C
0.8
VIH
Input high voltage(2)
VA = 3 V
TA = 25°C
1.4
V
–40°C
≤ TA ≤ 105°C
2.1
VA = 5 V
TA = 25°C
2.1
V
–40°C
≤ TA ≤ 105°C
2.4
CIN
Input capacitance(2)
–40°C
≤ TA ≤ 105°C
3
pF
POWER REQUIREMENTS
VA
(3)
Supply voltage minimum
–40°C
≤ TA ≤ 105°C
2.7
V
Supply voltage maximum
–40°C
≤ TA ≤ 105°C
5.5
V
IN
Normal supply current
fSCLK = 30 MHz,
output unloaded,
VA = 2.7 V to 3.6 V
TA = 25°C
360
µA
–40°C
≤ TA ≤ 105°C
485
fSCLK = 30 MHz,
output unloaded,
VA = 4.5 V to 5.5 V
TA = 25°C
480
µA
–40°C
≤ TA ≤ 105°C
650
fSCLK = 0 MHz, output unloaded, VA = 2.7 V to 3.6 V
330
µA
fSCLK = 0 MHz, output unloaded, VA = 4.5 V to 5.5 V
440
µA
IPD
Power-down supply
current(2)
All PD modes,
output unloaded,
SYNC = DIN = 0 V
after PD mode loaded,
VA = 2.7 V to 3.6 V
TA = 25°C
0.1
µA
–40°C
≤ TA ≤ 105°C
1
All PD modes,
output unloaded,
SYNC = DIN = 0 V
after PD mode loaded,
VA = 4.5 V to 5.5 V
TA = 25°C
0.15
µA
–40°C
≤ TA ≤ 105°C
1


Similar Part No. - DAC124S085CISDX/NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085CISDX/NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz