Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC124S085 Datasheet(PDF) 5 Page - Texas Instruments

Part No. DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Datasheet(HTML) 5 Page - Texas Instruments

  DAC124S085_16 Datasheet HTML 1Page - Texas Instruments DAC124S085_16 Datasheet HTML 2Page - Texas Instruments DAC124S085_16 Datasheet HTML 3Page - Texas Instruments DAC124S085_16 Datasheet HTML 4Page - Texas Instruments DAC124S085_16 Datasheet HTML 5Page - Texas Instruments DAC124S085_16 Datasheet HTML 6Page - Texas Instruments DAC124S085_16 Datasheet HTML 7Page - Texas Instruments DAC124S085_16 Datasheet HTML 8Page - Texas Instruments DAC124S085_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
DAC124S085
UNIT
DGS (VSSOP)
DSC (WSON)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
240
250
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.3
40.7
°C/W
RθJB
Junction-to-board thermal resistance
78.9
23.7
°C/W
ψJT
Junction-to-top characterization parameter
4.8
0.4
°C/W
ψJB
Junction-to-board characterization parameter
77.6
23.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.7
°C/W
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are ensured to AOQL (Average Outgoing
Quality Level).
(2)
This parameter is ensured by design and/or characterization and is not tested in production.
7.5 Electrical Characteristics
TA = 25°C, VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, and input code range 48 to 4047 (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
STATIC PERFORMANCE
Resolution
–40°C
≤ TA ≤ 105°C
12
Bits
Monotonicity
–40°C
≤ TA ≤ 105°C
12
Bits
INL
Integral non-linearity
TA = 25°C
±2.4
LSB
–40°C
≤ TA ≤ 105°C
±8
DNL
Differential non-linearity
VA = 2.7 V to 5.5 V
TA = 25°C
±0.2
LSB
–40°C
≤ TA ≤ 105°C
–0.5
0.7
VA = 4.5 V to 5.5 V
(2)
TA = 25°C
±0.15
LSB
–40°C
≤ TA ≤ 105°C
±0.5
ZE
Zero code error
IOUT = 0 mA
TA = 25°C
4
mV
–40°C
≤ TA ≤ 105°C
15
FSE
Full-scale error
IOUT = 0 mA
TA = 25°C
–0.1%
FSR
–40°C
≤ TA ≤ 105°C
–0.75%
GE
Gain error
All ones loaded
to DAC register
TA = 25°C
–0.2%
FSR
–40°C
≤ TA ≤ 105°C
–1%
ZCED
Zero code error drift
–20
µV/°C
TC GE
Gain error tempco
VA = 3 V
–0.7
ppm/°C
VA = 5 V
–1
ppm/°C
OUTPUT CHARACTERISTICS
Output voltage range(2)
–40°C
≤ TA ≤ 105°C
0
VREFIN
V
IOZ
High-impedance output
leakage current(2)
–40°C
≤ TA ≤ 105°C
±1
µA
ZCO
Zero code output
VA = 3 V, IOUT = 200 µA
1.3
mV
VA = 3 V, IOUT = 1 mA
6
mV
VA = 5 V, IOUT = 200 µA
7
mV
VA = 5 V, IOUT = 1 mA
10
mV
FSO
Full-scale output
VA = 3 V, IOUT = 200 µA
2.984
V
VA = 3 V, IOUT = 1 mA
2.934
V
VA = 5 V, IOUT = 200 µA
4.989
V
VA = 5 V, IOUT = 1 mA
4.958
V


Similar Part No. - DAC124S085_16

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085_16

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz