Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC124S085 Datasheet(PDF) 21 Page - Texas Instruments

Part No. DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC124S085_16 Datasheet HTML 17Page - Texas Instruments DAC124S085_16 Datasheet HTML 18Page - Texas Instruments DAC124S085_16 Datasheet HTML 19Page - Texas Instruments DAC124S085_16 Datasheet HTML 20Page - Texas Instruments DAC124S085_16 Datasheet HTML 21Page - Texas Instruments DAC124S085_16 Datasheet HTML 22Page - Texas Instruments DAC124S085_16 Datasheet HTML 23Page - Texas Instruments DAC124S085_16 Datasheet HTML 24Page - Texas Instruments DAC124S085_16 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LM4050-4.1
or
LM4050-5.0
VOUT = 0V to 5V
0.47 PF
Input
Voltage
R
VZ
DAC124S085
DIN
SCLK
SYNC
VA VREFIN
0.1 PF
IZ
IDAC
LM4132-4.1
DAC124S085
DIN
SCLK
SYNC
VOUT = 0V to 4.092V
C1
0.1 PF
C2
2.2 PF
Input
Voltage
VA VREFIN
C3
0.1 PF
21
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 Using References as Power Supplies
While the simplicity of the DAC124S085 implies ease of use, it is important to recognize that the path from the
reference input (VREFIN) to the VOUTs has essentially zero Power Supply Rejection Ratio (PSRR). Therefore, it is
necessary to provide a noise-free supply voltage to VREFIN. To use the full dynamic range of the DAC124S085,
the supply pin (VA) and VREFIN can be connected together and share the same supply voltage. Because the
DAC124S085 consumes very little power, a reference source may be used as the reference input or the supply
voltage. The advantages of using a reference source over a voltage regulator are accuracy and stability. Some
low noise regulators can also be used. Listed below are a few reference and power supply options for the
DAC124S085.
10.1.1 LM4132
The LM4132, with its 0.05% accuracy over temperature, is a good choice as a reference source for the
DAC124S085. The 4.096-V version is useful if a 0-V to 4.095-V output range is desirable or acceptable.
Bypassing the LM4132 VIN pin with a 0.1-µF capacitor and the VOUT pin with a 2.2-µF capacitor improves
stability and reduce output noise. The LM4132 comes in a space-saving 5-pin SOT23.
Figure 37. LM4132 Power Supply
10.1.2 LM4050
Available with accuracy of 0.44%, the LM4050 shunt reference is also a good choice as a reference for the
DAC124S085. It is available in 4.096-V and 5-V versions and comes in a space-saving 3-pin SOT23.
Figure 38. LM4050 Power Supply
The minimum resistor value in the circuit of Figure 38 must be chosen such that the maximum current through
the LM4050 does not exceed its 15-mA rating. The conditions for maximum current include the input voltage at
its maximum, the LM4050 voltage at its minimum, and the DAC124S085 drawing zero current. The maximum
resistor value must allow the LM4050 to draw more than its minimum current for regulation plus the maximum
DAC124S085 current in full operation. The conditions for minimum current include the input voltage at its
minimum, the LM4050 voltage at its maximum, the resistor value at its maximum due to tolerance, and the
DAC124S085 draws its maximum current. These conditions can be summarized with Equation 4 and Equation 5.


Similar Part No. - DAC124S085_16

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC124S085_16

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz