Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC122S085 Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC122S085
Description  DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC122S085 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC122S085_14 Datasheet HTML 13Page - Texas Instruments DAC122S085_14 Datasheet HTML 14Page - Texas Instruments DAC122S085_14 Datasheet HTML 15Page - Texas Instruments DAC122S085_14 Datasheet HTML 16Page - Texas Instruments DAC122S085_14 Datasheet HTML 17Page - Texas Instruments DAC122S085_14 Datasheet HTML 18Page - Texas Instruments DAC122S085_14 Datasheet HTML 19Page - Texas Instruments DAC122S085_14 Datasheet HTML 20Page - Texas Instruments DAC122S085_14 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LP3985
1 PF
0.1 PF
Input
Voltage
0.01 PF
VOUT = 0V to 5V
DAC122S085
DIN
SCLK
SYNC
VA VREFIN
0.1 PF
LM4050-4.1
or
LM4050-5.0
VOUT = 0V to 5V
0.47 PF
Input
Voltage
R
VZ
DAC122S085
DIN
SCLK
SYNC
VA VREFIN
0.1 PF
IZ
IDAC
DAC122S085
www.ti.com
SNAS361E – MAY 2006 – REVISED MARCH 2013
Figure 32. The LM4050 as a power supply
The minimum resistor value in the circuit of Figure 32 must be chosen such that the maximum current through
the LM4050 does not exceed its 15 mA rating. The conditions for maximum current include the input voltage at
its maximum, the LM4050 voltage at its minimum, and the DAC122S085 drawing zero current. The maximum
resistor value must allow the LM4050 to draw more than its minimum current for regulation plus the maximum
DAC122S085 current in full operation. The conditions for minimum current include the input voltage at its
minimum, the LM4050 voltage at its maximum, the resistor value at its maximum due to tolerance, and the
DAC122S085 draws its maximum current. These conditions can be summarized as
R(min) = ( VIN(max) − VZ(min) ) /IZ(max)
(3)
and
R(max) = ( VIN(min) − VZ(max) ) / ( (IDAC(max) + IZ(min) )
where
VZ(min) and VZ(max) are the nominal LM4050 output voltages ± the LM4050 output tolerance over
temperature
IZ(max) is the maximum allowable current through the LM4050
IZ(min) is the minimum current required by the LM4050 for proper regulation
IDAC(max) is the maximum DAC122S085 supply current
(4)
LP3985
The LP3985 is a low noise, ultra low dropout voltage regulator with a 3% accuracy over temperature. It is a good
choice for applications that do not require a precision reference for the DAC122S085. It comes in 3.0V, 3.3V and
5V versions, among others, and sports a low 30 µV noise specification at low frequencies. Since low frequency
noise is relatively difficult to filter, this specification could be important for some applications. The LP3985 comes
in a space-saving 5-pin SOT-23 and 5-bump DSBGA packages.
Figure 33. Using the LP3985 regulator
An input capacitance of 1.0µF without any ESR requirement is required at the LP3985 input, while a 1.0µF
ceramic capacitor with an ESR requirement of 5m
Ω to 500mΩ is required at the output. Careful interpretation
and understanding of the capacitor specification is required to ensure correct device operation.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DAC122S085


Similar Part No. - DAC122S085_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC122S085CIMM NSC-DAC122S085CIMM Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085CIMMX NSC-DAC122S085CIMMX Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085EVAL NSC-DAC122S085EVAL Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC122S085_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com