Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC74EE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74AC74EE4
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74AC74EE4 Datasheet(HTML) 4 Page - Texas Instruments

  CD74AC74EE4 Datasheet HTML 1Page - Texas Instruments CD74AC74EE4 Datasheet HTML 2Page - Texas Instruments CD74AC74EE4 Datasheet HTML 3Page - Texas Instruments CD74AC74EE4 Datasheet HTML 4Page - Texas Instruments CD74AC74EE4 Datasheet HTML 5Page - Texas Instruments CD74AC74EE4 Datasheet HTML 6Page - Texas Instruments CD74AC74EE4 Datasheet HTML 7Page - Texas Instruments CD74AC74EE4 Datasheet HTML 8Page - Texas Instruments CD74AC74EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CD54AC74, CD74AC74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS231D – SEPTEMBER 1998 – REVISED DECEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 1.5 V (unless
otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
9
10
MHz
t
Pulse duration
PRE or CLR low
50
44
ns
tw
Pulse duration
CLK
56
49
ns
t
Setup time
Data
44
39
ns
tsu
Setup time
PRE or CLR inactive
ns
th
Hold time
Data after CLK
0
0
ns
trec
Recovery time, before CLK
CLR
↑ or PRE↑
34
30
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
79
90
MHz
t
Pulse duration
PRE or CLR low
5.6
4.9
ns
tw
Pulse duration
CLK
6.3
5.5
ns
t
Setup time
Data
4.9
4.3
ns
tsu
Setup time
PRE or CLR inactive
ns
th
Hold time
Data after CLK
0
0
ns
trec
Recovery time, before CLK
CLR
↑ or PRE↑
4.7
4.1
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
110
125
MHz
t
Pulse duration
PRE or CLR low
4
3.5
ns
tw
Pulse duration
CLK
4.5
3.9
ns
t
Setup time
Data
3.5
3.1
ns
tsu
Setup time
PRE or CLR inactive
ns
th
Hold time
Data after CLK
0
0
ns
trec
Recovery time, before CLK
CLR
↑ or PRE↑
2.7
2.4
ns


Similar Part No. - CD74AC74EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC74EE4 TI1-CD74AC74EE4 Datasheet
681Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - CD74AC74EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
National Semiconductor ...
DM54L74 NSC-DM54L74 Datasheet
88Kb / 4P
   Dual Positive-Edge-Triggered D Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com