Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC38J84IAAVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38J84IAAVR
Description  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38J84IAAVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC38J84IAAVR Datasheet HTML 5Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 6Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 7Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 8Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 9Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 10Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 11Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 12Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
DAC37J84, DAC38J84
www.ti.com
SLASE17B – JANUARY 2014 – REVISED MARCH 2014
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J84
DAC38J84
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
POWER SUPPLY
VDDADAC33
3.15
3.3
3.45
3.15
3.3
3.45
V
VDDAPLL18, VDDAREF18,
1.71
1.8
1.89
1.71
1.8
1.89
V
VDDS18, VQPS18, VDDR18
VDDIO18
1.71
1.8
1.89
1.71
1.8
1.89
V
VDDDIG09, VDDDAC09,
0.85
0.9
0.95
0.85
0.9
0.95
V
VDDCLK09, VDDT09
PSRR
Power Supply Rejection Ratio
DC tested
±0.2
±0.2
%FSR/V
POWER CONSUMPTION
I(VDDADAC33)
Analog supply current
-
114
135
MODE 1:(DAC38J84)
I(VDDDIG09)
Digital supply current
-
1028
1250
fDAC=2.46GSPS, 2x
interpolation,
I(VDDDAC09)
DAC supply current
-
20
30
NCO on, QMC on, inverse
I(VDDCLK09)
Clock supply current
-
87
120
mA
sinc on,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
-
323
450
LMF=841,
I(VDDR18)
SerDes analog supply current
-
37
60
SerDes rate = 12.3Gbps,
20mA FS output,
I(VDD18)
Other 1.8V supply current
-
58
80
IF=150MHz.
P
Power Dissipation
-
1859
1980
mW
I(VDDADAC33)
Analog supply current
114
-
MODE 2: (DAC37J84)
I(VDDDIG09)
Digital supply current
627
-
fDAC=1.6GSPS, 2x
I(VDDDAC09)
DAC supply current
14
-
interpolation,
I(VDDCLK09)
Clock supply current
57
-
mA
NCO on, QMC on, invsinc on,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
268
-
LMF=841,
I(VDDR18)
SerDes analog supply current
25
-
SerDes rate = 8Gbps,
I(VDD18)
Other 1.8V supply current
54
-
20mA FS output, IF=150MHz.
P
Power Dissipation
1388
-
mW
I(VDDADAC33)
Analog supply current
114
114
MODE 3:
I(VDDDIG09)
Digital supply current
556
556
fDAC=1.47456GSPS, 2x
I(VDDDAC09)
DAC supply current
14
14
interpolation,
I(VDDCLK09)
Clock supply current
51
51
mA
NCO on, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
260
260
PAP off, PLL off, LMF=841,
I(VDDR18)
SerDes analog supply current
24
24
SerDes rate = 7.3728Gbps,
I(VDD18)
Other 1.8V supply current
36
36
20mA FS output, IF=150MHz.
P
Power Dissipation
1277
1277
mW
I(VDDADAC33)
Analog supply current
114
114
MODE 4:
I(VDDDIG09)
Digital supply current
468
468
fDAC=1.47456GSPS, 4x
I(VDDDAC09)
DAC supply current
14
14
interpolation,
I(VDDCLK09)
Clock supply current
50
50
mA
NCO on, QMC off, invsinc off,
GDC off, PAP off, PLL off,
I(VDDT09)
SerDes core supply current
135
135
LMF=442,
I(VDDR18)
SerDes analog supply current
12
12
SerDes rate = 7.3728Gbps,
I(VDD18)
Other 1.8V supply current
36
36
20mA FS output, IF=150MHz.
P
Power Dissipation
1063
1063
mW
I(VDDADAC33)
Analog supply current
13
13
I(VDDDIG09)
Digital supply current
368
368
MODE 5:
I(VDDDAC09)
DAC supply current
10
10
fDAC=1.47456GSPS, x4,
NCO off, QMC off, invsinc off,
I(VDDCLK09)
Clock supply current
50
50
mA
GDC off, PAP off,
I(VDDT09)
SerDes core supply current
135
135
PLL off, LMF=442,
SerDes rate = 7.3728Gbps,
I(VDDR18)
SerDes analog supply current
12
12
DAC output in sleep mode.
I(VDD18)
Other 1.8V supply current
28
28
P
Power Dissipation
622
622
mW
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC37J84 DAC38J84


Similar Part No. - DAC38J84IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38J82 TI-DAC38J82 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82 TI1-DAC38J82 Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

Similar Description - DAC38J84IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com