Electronic Components Datasheet Search |
|
74LVC1G126DBVRG4 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
74LVC1G126DBVRG4 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 30 page A Y OE 1 2 4 SN74LVC1G126 SCES224R – APRIL 1999 – REVISED JANUARY 2015 www.ti.com 9 Detailed Description 9.1 Overview The SN74LVC1G126 device contains a dual buffer gate with output enable control and performs the Boolean function Y = A. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. To ensure the high-impedance state during power up or power down, OE should be tied to GND through a pull- down resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver. 9.2 Functional Block Diagram 9.3 Feature Description • 1.65 V to 5.5 V operating voltage range • Allows down voltage translation – 5 V to 3.3 V – 5 V or 3.3 V to 1.8 V • Inputs accept voltages to 5.5 V – 5.5-V tolerance on input pin when VCC = 0 V • Ioff feature – Allows voltage on the inputs and outputs when VCC is 0 V – Able to reduce leakage when VCC is 0 V 9.4 Device Functional Modes Table 1. Function Table INPUTS OUTPUT Y OE A H H H H L L L X Z 10 Submit Documentation Feedback Copyright © 1999–2015, Texas Instruments Incorporated Product Folder Links: SN74LVC1G126 |
Similar Part No. - 74LVC1G126DBVRG4 |
|
Similar Description - 74LVC1G126DBVRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |