Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTLPH306 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74GTLPH306
Description  8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH306 Datasheet(HTML) 5 Page - Texas Instruments

  SN74GTLPH306_15 Datasheet HTML 1Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 2Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 3Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 4Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 5Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 6Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 7Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 8Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Electrical Characteristics
Hot-Insertion Specifications for A Port
Hot-Insertion Specifications for B Port
SN74GTLPH306
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SCES284E – OCTOBER 1999 – REVISED APRIL 2005
over recommended operating free-air temperature range for GTLP (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
VCC = 3.15 V to 3.45 V,
IOH = –100 µA
VCC – 0.2
VOH
A port
IOH = –12 mA
2.4
V
VCC = 3.15 V
IOH = –24 mA
2
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
A port
IOL = 12 mA
0.4
VCC = 3.15 V
VOL
IOL = 24 mA
0.5
V
IOL = 40 mA
0.4
B port
VCC = 3.15 V
IOL = 50 mA
0.55
VI = 0 or VCC
±5
A-port and
control inputs
II(2)
VCC = 3.45 V
VI = 5.5 V
±20
µA
B port
VI = 0 to 1.5 V
±5
IBHL(3)
A port
VCC = 3.15 V,
VI = 0.8 V
75
µA
IBHH(4)
A port
VCC = 3.15 V,
VI = 2 V
–75
µA
IBHLO(5)
A port
VCC = 3.45 V,
VI = 0 to VCC
500
µA
IBHHO(6)
A port
VCC = 3.45 V,
VI = 0 to VCC
–500
µA
Outputs high
20
VCC = 3.45 V, IO = 0,
ICC
A or B port
VI (A-port or control input) = VCC or GND,
Outputs low
20
mA
VI (B port) = VTT or GND
Outputs disabled
20
VCC = 3.45 V, One A-port or control input at VCC – 0.6 V,
∆I
CC
(7)
1.5
mA
Other A-port or control inputs at VCC or GND
Ci
Control inputs
VI = 3.15 V or 0
4.5
5
pF
A port
VO = 3.15 V or 0
7.5
9
Cio
pF
B port
VO = 1.5 V or 0
7.5
9
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
For I/O ports, the parameter II includes the off-state output leakage current.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VILmax. IBHL should be measured after lowering VIN to GND
and then raising it to VILmax.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIHmin. IBHH should be measured after raising VIN to VCC
and then lowering it to VIHmin.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
(7)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
VI or VO = 0 to 5.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
VI or VO = 0 to 1.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 1.5 V,
OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 1.5 V,
OE = 0
±30
µA
5


Similar Part No. - SN74GTLPH306_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH306DGVR TI-SN74GTLPH306DGVR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DW TI-SN74GTLPH306DW Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DWR TI-SN74GTLPH306DWR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306PWR TI-SN74GTLPH306PWR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results

Similar Description - SN74GTLPH306_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com