Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT4051-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4051-Q1
Description  HIGH-SPEED CMOS LOGIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4051-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HCT4051-Q1 Datasheet HTML 3Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 4Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 5Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 6Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 7Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 8Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 9Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 10Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CD74HCT4051-Q1
HIGH-SPEED CMOS LOGIC
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS569B − JANUARY 2004 − REVISED APRIL 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Test
Point
From Output
Under Test
CL
(see Note A)
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
tPZH
tpd
tdis
ten
tPZL
tPHZ
tPLZ
Open
Closed
S1
Closed
Open
S2
Open
Closed
Closed
Open
Open
Open
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. For clock inputs, fmax is measured with the input duty cycle at 50%.
E. The outputs are measured one at a time, with one input transition per measurement.
F. tPLZ and tPHZ are the same as tdis.
G. tPZL and tPZH are the same as ten.
H. tPLH and tPHL are the same as tpd.
RL = 1 kΩ
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50% VCC
50% VCC
50%
10%
10%
90%
90%
VCC
VOH
VOL
VEE
tr
tf
Input
In-Phase
Output
50% VCC
tPLH
tPHL
50% VCC
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Output
Control
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
10%
50% VCC
≈0 V
VOLTAGE WAVEFORMS
OUTPUT ENABLE AND DISABLE TIMES
1.3 V
1.3 V
90%
3 V
VEE
Figure 8. Load Circuit and Voltage Waveforms


Similar Part No. - CD74HCT4051-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results

Similar Description - CD74HCT4051-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
   High Speed CMOS Logic
Rev 1.2 22/12/21
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
   High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
   High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
   High Speed CMOS Logic
54HC00 SS-54HC00 Datasheet
372Kb / 5P
   High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
   High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com