Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11151 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AC11151
Description  1-OF-8 DATA SELECTOR/MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11151 Datasheet(HTML) 4 Page - Texas Instruments

  74AC11151 Datasheet HTML 1Page - Texas Instruments 74AC11151 Datasheet HTML 2Page - Texas Instruments 74AC11151 Datasheet HTML 3Page - Texas Instruments 74AC11151 Datasheet HTML 4Page - Texas Instruments 74AC11151 Datasheet HTML 5Page - Texas Instruments 74AC11151 Datasheet HTML 6Page - Texas Instruments 74AC11151 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74AC11151
1-OF-8 DATA SELECTOR/MULTIPLEXER
SCAS066A – JUNE 1989 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–4
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA = 25°C
MIN
MAX
UNIT
tPLH
ABor C
Y
3.2
8.9
10.7
3.2
12
ns
tPHL
A, B, or C
Y
3.4
8.9
10.8
3.4
12.1
ns
tPLH
ABor C
W
3.2
8.6
10.3
3.2
11.6
ns
tPHL
A, B, or C
W
3.1
8.7
10.7
3.1
12
ns
tPLH
Any D
Y
1.9
6.5
8.1
1.9
9.2
ns
tPHL
Any D
Y
1.9
6.4
8.1
1.9
8.9
ns
tPLH
Any D
W
1.7
6.1
7.7
1.7
8.6
ns
tPHL
Any D
W
1.9
6.4
8
1.9
8.8
ns
tPLH
OE
Y
1.3
4
5.5
1.3
6
ns
tPHL
OE
Y
1.6
4.5
5.9
1.6
6.5
ns
tPLH
OE
W
2
5.2
6.7
2
7.4
ns
tPHL
OE
W
1.7
4.7
6.2
1.7
6.7
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
ABor C
Y
2.5
5.4
7.3
2.5
8.3
ns
tPHL
A, B, or C
Y
2.7
5.6
7.5
2.7
8.5
ns
tPLH
ABor C
W
2.6
5.3
7.2
2.6
8.1
ns
tPHL
A, B, or C
W
2.6
5.4
7.4
2.6
8.4
ns
tPLH
Any D
Y
1.5
4.1
5.8
1.5
6.5
ns
tPHL
Any D
Y
1.5
4
5.7
1.5
6.4
ns
tPLH
Any D
W
1.4
3.7
5.5
1.4
6
ns
tPHL
Any D
W
1.6
4.1
5.8
1.6
6.4
ns
tPLH
OE
Y
1.1
2.7
4.2
1.1
4.6
ns
tPHL
OE
Y
1.4
3.1
4.6
1.4
5
ns
tPLH
OE
W
1.7
3.5
5.1
1.7
5.6
ns
tPHL
OE
W
1.4
3.1
4.6
1.4
5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
52
pF


Similar Part No. - 74AC11151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11151 TI1-74AC11151 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151D TI1-74AC11151D Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151N TI1-74AC11151N Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
More results

Similar Description - 74AC11151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74LS152 RENESAS-HD74LS152 Datasheet
157Kb / 6P
   1-of-8 Data Selector / Multiplexer
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com