Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1022 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC1022
Description  10-Bit Binary Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1022 Datasheet(HTML) 4 Page - Texas Instruments

  DAC1022 Datasheet HTML 1Page - Texas Instruments DAC1022 Datasheet HTML 2Page - Texas Instruments DAC1022 Datasheet HTML 3Page - Texas Instruments DAC1022 Datasheet HTML 4Page - Texas Instruments DAC1022 Datasheet HTML 5Page - Texas Instruments DAC1022 Datasheet HTML 6Page - Texas Instruments DAC1022 Datasheet HTML 7Page - Texas Instruments DAC1022 Datasheet HTML 8Page - Texas Instruments DAC1022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics (Va e 15V VREF e 10000V TA e 25 C unless otherwise specified) (Continued)
DAC1020 DAC1021
DAC1220 DAC1222
Parameter
Conditions
DAC1022
Units
Min
Typ
Max
Min
Typ
Max
Digital Input
(Figure 1)
Low Threshold
TMINkTAkTMAX
08
08
V
High Threshold
TMINkTAkTMAX
24
24
V
Digital Input Current
TMINsTAsTMAX
Digital Input High
1
100
1
100
m
A
Digital Input Low
b
50
b
200
b
50
b
200
m
A
Supply Current
All Digital Inputs High
02
16
02
16
mA
All Digital Inputs Low
06
2
06
2
mA
Operating Power Supply
(Figures 1 and 2)
5
15
5
15
V
Range
Note 1
VREFeg10V and VREFeg1V A linearity error temperature coefficient of 00002% FS for a 45 C rise only guarantees 0009% maximum change in
linearity error For instance if the linearity error at 25 C is 0045% FS it could increase to 0054% at 70 C and the DAC will be no longer a 10-bit part Note
however that the linearity error is specified over the device full temperature range which is a more stringent specification since
it includes the linearity error
temperature coefficient
Note 2
Using internal feedback resistor as shown in
Figure 3
Note 3
Both IOUT 1 and IOUT 2 must go to ground or the virtual ground of an operational amplifier If VREFe10V every millivolt offset between IOUT 1 or IOUT 2
0005% linearity error will be introduced
Note 4
Human body model 100 pF discharged through a 15 kX resistor
Note 5
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 6
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX iJA and the ambient temepature TA The maximum
allowable power dissipation at any temperature is PD e (TJMAX b TA) iJA or the number given in the Absolute Maximum Ratings whichever is lower For this
device TJMAX e 125 C and the typical junction-to-ambient thermal resistance of the J18 package when board mounted is 85 CW For the N18 package iJA is
120 CW for the N16 this number is 125 CW and for the V20 this number is 95 CW
Typical Performance Characteristics
TLH5689 – 2
FIGURE 1 Digital Input Threshold vs
Ambient Temperature
FIGURE 2 Gain Error Variation vs V
a
http
www nationalcom
3


Similar Part No. - DAC1022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1022 NSC-DAC1022 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1022LCN NSC-DAC1022LCN Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

Similar Description - DAC1022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
AD7522 AD-AD7522_15 Datasheet
2Mb / 6P
   CMOS 10 BIT SUFFERED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com