Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCR-H02004DSF-Y Datasheet(PDF) 1 Page - LUMEX INC.

Part # LCR-H02004DSF-Y
Description  20 x 4 CHARACTER LCD MODULE, STN YELLOW, TRANSFLECTIVE, LED BACKLIGHT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LCR-H02004DSF-Y Datasheet(HTML) 1 Page - LUMEX INC.

  LCR-H02004DSF-Y Datasheet HTML 1Page - LUMEX INC. LCR-H02004DSF-Y Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - LCR-H02004DSF-Y

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCR-H02004DSF-Y LUMEX-LCR-H02004DSF-Y_17 Datasheet
181Kb / 2P
   20 X 4 Character LCD MODULE
More results

Similar Description - LCR-H02004DSF-Y

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCR-H02004DSF LUMEX-LCR-H02004DSF Datasheet
377Kb / 2P
   20 x 4 CHARACTER LCD MODULE, STN YELLOW, TRANSFLECTIVE, LED BACKLIGHT
LCR-U02004DSF-WH LUMEX-LCR-U02004DSF-WH Datasheet
263Kb / 2P
   20 x 4 CHARACTER LCD MODULE, STN GRAY
LCM-H00802DSF LUMEX-LCM-H00802DSF Datasheet
243Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 8x2, LCD MODULE, STN BLUE, YELLOW-GREEN LED BACKLIGHT
logo
Hantronix,Inc
HDM20416L HANTRONIX-HDM20416L Datasheet
30Kb / 1P
   20 Character x 4 Lines, LED Backlight
HDM20416L-1-L30S HANTRONIX-HDM20416L-1-L30S Datasheet
31Kb / 2P
   20 Character x 4 Lines, LED Backlight
HDM20416L-B HANTRONIX-HDM20416L-B_15 Datasheet
37Kb / 1P
   20 Character x 4 Lines LED Backlight
HDM20416L-1-YA1S HANTRONIX-HDM20416L-1-YA1S Datasheet
31Kb / 2P
   20 Character x 4 Lines, LED Backlight
HDM20416L-1-Y10S HANTRONIX-HDM20416L-1-Y10S Datasheet
31Kb / 2P
   20 Character x 4 Lines, LED Backlight
logo
LUMEX INC.
LCM-S10404DSF-Y1P LUMEX-LCM-S10404DSF-Y1P Datasheet
117Kb / 2P
   4.99mm CHARACTER HEIGHT, 104 x 4 CHARACTER LCD MODULE, TOP VIEW, STN, YELLOW-GREEN BACKGROUND
logo
Hantronix,Inc
HDM20416L-M-L30S HANTRONIX-HDM20416L-M-L30S Datasheet
33Kb / 2P
   20 Character x 4 Lines, Large Character, LED Backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com