Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7621EB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7621EB
Description  12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7621EB Datasheet(HTML) 2 Page - Texas Instruments

  DAC7621EB Datasheet HTML 1Page - Texas Instruments DAC7621EB Datasheet HTML 2Page - Texas Instruments DAC7621EB Datasheet HTML 3Page - Texas Instruments DAC7621EB Datasheet HTML 4Page - Texas Instruments DAC7621EB Datasheet HTML 5Page - Texas Instruments DAC7621EB Datasheet HTML 6Page - Texas Instruments DAC7621EB Datasheet HTML 7Page - Texas Instruments DAC7621EB Datasheet HTML 8Page - Texas Instruments DAC7621EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
2
DAC7621
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, and VDD = +5V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DAC7621E
DAC7621EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
T
Bits
ACCURACY
Relative Accuracy(1)
–2
±1/2
+2
–1
±1/4
+1
LSB
Differential Nonlinearity
Guaranteed Monotonic
–1
±1/2
+1
–1
±1/4
+1
LSB
Zero-Scale Error
Code 000H
–1
+1
+3
TTT
LSB
Full Scale Voltage
Code FFFH
4.079
4.095
4.111
4.087
4.095
4.103
V
ANALOG OUTPUT
Output Current
Code 800H
±5
±7
TT
mA
Load Regulation
RLOAD ≥ 402Ω, Code 800H
13
TT
LSB
Capacitive Load
No Oscillation
500
T
pF
Short-Circuit Current
±20
T
mA
Short-Circuit Duration
GND or VDD
Indefinite
T
DIGITAL INPUT
Data Format
Parallel
T
Data Coding
Straight Binary
T
Logic Family
CMOS
T
Logic Levels
VIH
0.7 • VDD
T
V
VIL
0.3 • VDD
T
V
IIH
±10
T
µA
IIL
±10
T
µA
DYNAMIC PERFORMANCE
Settling Time(2) (tS)
To
±1 LSB of Final Value
7
T
µs
DAC Glitch
5
T
nV-s
Digital Feedthrough
2
T
nV-s
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
TTT
V
IDD
VIH = 5V, VIL = 0V, No Load, at Code 000H
0.5
1
TT
mA
Power Dissipation
VIH = 5V, VIL = 0V, No Load
2.5
5
TT
mW
Power Supply Sensitivity
∆V
DD = ±5%
0.001
0.004
TT
%/%
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Same specification as for DAC7621E.
NOTES: (1) This term is sometimes referred to as Linearity Error or Integral Nonlinearity (INL). (2) Specification does not apply to negative-going transitions where
the final output voltage will be within 3 LSBs of ground. In this region, settling time may be double the value indicated.


Similar Part No. - DAC7621EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7621EB BURR-BROWN-DAC7621EB Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7621EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com