Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F807 Datasheet(PDF) 2 Page - Motorola, Inc

Part # DSP56F807
Description  56F807 16-bit Hybrid Processor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56F807 Datasheet(HTML) 2 Page - Motorola, Inc

  DSP56F807 Datasheet HTML 1Page - Motorola, Inc DSP56F807 Datasheet HTML 2Page - Motorola, Inc DSP56F807 Datasheet HTML 3Page - Motorola, Inc DSP56F807 Datasheet HTML 4Page - Motorola, Inc DSP56F807 Datasheet HTML 5Page - Motorola, Inc DSP56F807 Datasheet HTML 6Page - Motorola, Inc DSP56F807 Datasheet HTML 7Page - Motorola, Inc DSP56F807 Datasheet HTML 8Page - Motorola, Inc DSP56F807 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
56F807 Technical Data
Part 1 Overview
1.1 56F807 Features
1.1.1
Digital Signal Processing Core
Efficient 16-bit 56800 family hybrid controller engine with dual Harvard architecture
As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
Two 36-bit accumulators including extension bits
16-bit bidirectional barrel shifter
Parallel instruction set with unique DSP addressing modes
Hardware DO and REP loops
Three internal address buses and one external address bus
Four internal data buses and one external data bus
Instruction set supports both DSP and controller functions
Controller style addressing modes and instructions for compact code
Efficient C compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/OnCE debug programming interface
1.1.2
Memory
Harvard architecture permits as many as three simultaneous accesses to Program and Data memory
On-chip memory including a low-cost, high-volume Flash solution
— 60K
× 16-bit words of Program Flash
— 2K
× 16-bit words of Program RAM
— 8K
× 16-bit words of Data Flash
— 4K
× 16-bit words of Data RAM
— 2K
× 16-bit words of Boot Flash
Off-chip memory expansion capabilities programmable for 0, 4, 8, or 12 wait states
— As much as 64K
× 16 bits of Data memory
— As much as 64K
× 16 bits of Program memory
1.1.3
Peripheral Circuits for 56F807
Two Pulse Width Modulator modules each with six PWM outputs, three Current Sense inputs, and
four Fault inputs, fault tolerant design with dead time insertion, supports both center- and
edge-aligned modes
Four 12-bit, Analog-to-Digital Converters (ADCs), which support four simultaneous conversions
with quad, 4-pin multiplexed inputs; ADC and PWM modules can be synchronized
Two Quadrature Decoders each with four inputs or two additional Quad Timers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56F807

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F807 FREESCALE-DSP56F807 Datasheet
869Kb / 60P
   16-bit Digital Signal Controllers
DSP56F807 FREESCALE-DSP56F807 Datasheet
670Kb / 60P
   16-bit Digital Signal Controllers
DSP56F807PY80 FREESCALE-DSP56F807PY80 Datasheet
869Kb / 60P
   16-bit Digital Signal Controllers
DSP56F807PY80 FREESCALE-DSP56F807PY80 Datasheet
670Kb / 60P
   16-bit Digital Signal Controllers
DSP56F807PY80E FREESCALE-DSP56F807PY80E Datasheet
869Kb / 60P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F807

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F805 MOTOROLA-DSP56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
56F8355 FREESCALE-56F8355 Datasheet
2Mb / 164P
   16-bit Hybrid Controllers
logo
Motorola, Inc
MC56F8322 MOTOROLA-MC56F8322 Datasheet
1Mb / 136P
   16-bit Hybrid Controllers
logo
SONiX Technology Compan...
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC749 SONIX-SNC749 Datasheet
146Kb / 16P
   16-bit Voice Processor
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
   16-bit Voice Processor
SNC729 SONIX-SNC729 Datasheet
164Kb / 16P
   16-bit Voice Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com