Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN62112 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN62112
Description  MSD DIS-2 Plus Ignition
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN62112 Datasheet(HTML) 1 Page - Mallory performance club

  PN62112 Datasheet HTML 1Page - Mallory performance club PN62112 Datasheet HTML 2Page - Mallory performance club PN62112 Datasheet HTML 3Page - Mallory performance club PN62112 Datasheet HTML 4Page - Mallory performance club PN62112 Datasheet HTML 5Page - Mallory performance club PN62112 Datasheet HTML 6Page - Mallory performance club PN62112 Datasheet HTML 7Page - Mallory performance club PN62112 Datasheet HTML 8Page - Mallory performance club PN62112 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IMPORTANT
Read these instructions before attempting this installation!
NOTES: 1. Solid Core spark plug wires cannot be used with an MSD DIS Ignition.
2. Vehicles originally equipped with a CD ignition
cannot use an MSD DIS Ignition.
Parts Included
1 - MSD DIS Ignition
12 - Connectors, Butt Splice
1 - Cable Assembly
1 - Bypass Plug
NOTE: It is recommended that you have the Service Manual and wiring diagram for your vehicle
before beginning the installation of the MSD DIS Ignition.
TECHNICAL FEATURES - DIGITAL DIS-2 PLUS
Operating Voltage: 12-18 volts (neg. ground)
Operating Current: 5.3 Amperes @ 10,000 RPM
RPM Capability:
14,000 RPM - 4-Cyl. @ 14 volts
Ignition Inputs:
2 - DIS Type
Ignition Outputs:
2 - DIS Type
LED Indicator:
Ign. trigger, low battery voltage
Tach Output:
(+) 12 volt square wave, 40°
Duration
Rev Limiter:
High RPM - Adjustable
Low RPM - Adjustable
Spark Duration:
20°- 4-Cyl. Max Sparks - 12
Energy Output Max: 105-115 milliJoules per spark.
Output Voltage:
Primary (Into Coil): 460-480 volts
Secondary: (w/stock coil)
43,000 volts
Weight & Size:
3 lbs., 9.5"L x 4.5"W x 2.2"H
TECHNICAL FEATURES - DIGITAL DIS-4 PLUS
Operating Voltage:
12-18 volts (neg. ground)
Operating Current:
10 Amperes @ 10,000 RPM
RPM Capability:
14,000 RPM - 4, 6, 8-Cyl. @ 14 volts
Ignition Inputs:
2, 3, 4 - DIS Type
Ignition Outputs:
2, 3, 4 - DIS Type
LED Indicator:
Ign. trigger, low battery voltage
Tach Output:
(+) 12 volt square wave, 40°
Duration
Rev Limiter:
High RPM - Adjustable
Low RPM - Adjustable
Spark Duration:
20°- 4, 6, 8-Cyl. Max Sparks - 12
Energy Output Max: 105-115 milliJoules per spark.
Output Voltage:
Primary (Into Coil): 460-480 volts
Secondary: (w/stock coil)
43,000 volts
Weight & Size:
3 lbs., 9.5"L x 4.5"W x 2.2"H
WARNING: Before installing the Ignition, disconnect the battery cables. When disconnecting
the battery cables, always remove the Negative (-) cable first and install it last.
Parts not included but may be needed
Ignition Adapter(s) PN 8912, PN 89121, PN 8917
Coil Interface Modules, PN 8870 for GM DIS Applications
Coil Interface Modules, PN 8879 for Saturn Applications
Cam Sync Adapter, PN 8914 for Saturn Applications
The MSD Digital DIS-2 Plus Ignition can be used on 4-cylinder engines equipped with two dual output
coils. The DIS-4 Plus Ignition can be used on 4, 6 or 8-cylinder engines equipped with up to four
dual output coils. The Ignitions will accept trigger inputs from electronic distributorless type ignition
systems.
MSD DIS-2 Plus Ignition
PN 62112
MSD DIS-4 Plus Ignition
PN 62152
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN62112

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN62113 MALLORY-PN62113 Datasheet
1Mb / 16P
   DIS-4 Plus HO
More results

Similar Description - PN62112

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
62152 MALLORY-62152 Datasheet
1Mb / 16P
   MSD DIS-2 Plus Ignition
PN62152 MALLORY-PN62152 Datasheet
1Mb / 16P
   MSD DIS-4 Plus Ignition
62153 MALLORY-62153 Datasheet
1Mb / 16P
   MSD DIS-2 Plus HO
7222 MALLORY-7222 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
PN7222 MALLORY-PN7222 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
6520 MALLORY-6520 Datasheet
3Mb / 16P
   MSD 7AL-2 Plus Ignition
PN72223 MALLORY-PN72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
72223 MALLORY-72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
PN7805 MALLORY-PN7805 Datasheet
972Kb / 8P
   MSD-8 Plus Ignition
7805 MALLORY-7805 Datasheet
972Kb / 8P
   MSD-8 Plus Ignition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com