Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26C32MFKB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32MFKB
Description  AM26C32 Quadruple Differential Line Receiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32MFKB Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM26C32MFKB Datasheet HTML 4Page - Texas Instruments AM26C32MFKB Datasheet HTML 5Page - Texas Instruments AM26C32MFKB Datasheet HTML 6Page - Texas Instruments AM26C32MFKB Datasheet HTML 7Page - Texas Instruments AM26C32MFKB Datasheet HTML 8Page - Texas Instruments AM26C32MFKB Datasheet HTML 9Page - Texas Instruments AM26C32MFKB Datasheet HTML 10Page - Texas Instruments AM26C32MFKB Datasheet HTML 11Page - Texas Instruments AM26C32MFKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Input
VCC
EQUIVALENT OF A OR B INPUT
TYPICAL OF ALL OUTPUTS
Output
VCC
VCC
1.7 k
NOM
GND
GND
1.7 k
NOM
17 k
NOM
288 k
NOM
VCC (A inputs)
or
GND (B inputs)
Input
GND
EQUIVALENT OF G OR G INPUT
AM26C32
SLLS104K – DECEMBER 1990 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The AM26C32 is a quadruple differential line receiver that meets the necessary requirements for NSI TIA/EIA-
422-B, TIA/EIA-423-B, and ITU Recommendation V.10 and V.11. This device allows a low power or low voltage
MCU to interface with heavy machinery, subsystems and other devices through long wires of up to 1000m, giving
any design a reliable and easy to use connection. As any RS422 interface, the AM26C32 works in a differential
voltage range, which enables very good signal integrity.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 ±7-V Common-Mode Range With ±200-mV Sensitivity
For a common-mode voltage varying from -7V to 7V, the input voltage is acceptable in low ranges greater than
200 mV as a standard.
8.3.2 Input Fail-Safe Circuitry
RS-485 specifies that the receiver output state should be logic high for differential input voltages of VAB ≥ +200
mV and logic low for VAB ≤ –200 mV. For input voltages in between these limits, a receiver’s output state is not
defined and can randomly assume high or low. Removing the uncertainty of random output states, modern
transceiver designs include internal biasing circuits that put the receiver output into a defined state (typically high)
in the absence of a valid input signal.
A loss of input signal can be caused by an pen circuit caused by a wire break or the unintentional disconnection
of a transceiver from the bus. The AM26C32 has an internal circuit that ensures functionality during an idle bus.
8.3.3 Active-High and Active-Low
The device can be configure using the G and G logic inputs to select receiver output. The high voltage or logic 1
on the G pin, allows the device to operate on an active-high and having a low voltage or logic 0 on the G enables
active low operation. These are simply a way to configure the logic to match that of the receiving or transmitting
controller or microprocessor.
8.3.4 Operates from a Single 5-V Supply
Both the logic and receivers operate from a single 5-V rail, making designs much more simple. The line drivers
and receivers can operate off the same rail as the host controller or a similar low voltage supply, thus simplifying
power structure.
8
Submit Documentation Feedback
Copyright © 1990–2015, Texas Instruments Incorporated
Product Folder Links: AM26C32


Similar Part No. - AM26C32MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32MFKB TI-AM26C32MFKB Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26C32MFKB TI-AM26C32MFKB Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32MFKB TI-AM26C32MFKB Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32MFKB TI-AM26C32MFKB Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32MFKB TI1-AM26C32MFKB Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
More results

Similar Description - AM26C32MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32 TI1-AM26C32_V01 Datasheet
1Mb / 36P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2018
AM26C32 TI-AM26C32_V02 Datasheet
1Mb / 37P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2023
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com