Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2902KPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902KPW
Description  Quadruple Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902KPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2902KPW Datasheet HTML 4Page - Texas Instruments LM2902KPW Datasheet HTML 5Page - Texas Instruments LM2902KPW Datasheet HTML 6Page - Texas Instruments LM2902KPW Datasheet HTML 7Page - Texas Instruments LM2902KPW Datasheet HTML 8Page - Texas Instruments LM2902KPW Datasheet HTML 9Page - Texas Instruments LM2902KPW Datasheet HTML 10Page - Texas Instruments LM2902KPW Datasheet HTML 11Page - Texas Instruments LM2902KPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Frequency (Hz)
100 200
500 1000
10000
100000
1000000
0
10
20
30
40
50
60
70
80
90
D006
Frequency (Hz)
1000 2000
5000 10000
100000
1000000
0
2.5
5
7.5
10
12.5
15
17.5
20
D007
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95
110 125
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
D003
Time (2S)
0
5
10
15
20
25
30
35
40
45
50
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
D004
Input
Output
Output Sink Current (mA)
0.001
0.01
0.1 0.2 0.5 1
2 3 5 710 20
50 100
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
2
3
5
10
D001
VCC = 15 V
VCC = 5 V
VCC = 30 V
Output Source Current (mA)
0.001
0.01
0.1 0.2 0.5 1
2 3 5 710 20
50 100
1
2
3
4
5
6
7
8
D002
VCC = 15 V
LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902
LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV
SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015
www.ti.com
6.9 Typical Characteristics
Figure 1. Output Sinking Characteristics
Figure 2. Output Sourcing Characteristics
Figure 3. Source Current Limiting
Figure 4. Voltage Follower Large Signal Response (50 pF)
Figure 5. Common-Mode Rejection Ratio
Figure 6. Maximum Output Swing vs. Frequency
(VCC = 15 V)
8
Submit Documentation Feedback
Copyright © 1975–2015, Texas Instruments Incorporated
Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224
LM224A LM2902V LM2902K LM2902KV LM2902KAV


Similar Part No. - LM2902KPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902KPW TI-LM2902KPW Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902KPW TI-LM2902KPW Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902KPW TI-LM2902KPW Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902KPW TI-LM2902KPW Datasheet
690Kb / 27P
[Old version datasheet]   Quadruple operationl amplifiers
REVISED JANUARY 2005
LM2902KPW TI1-LM2902KPW Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
More results

Similar Description - LM2902KPW

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com