Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26C32ID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32ID
Description  AM26C32 Quadruple Differential Line Receiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32ID Datasheet(HTML) 3 Page - Texas Instruments

  AM26C32ID Datasheet HTML 1Page - Texas Instruments AM26C32ID Datasheet HTML 2Page - Texas Instruments AM26C32ID Datasheet HTML 3Page - Texas Instruments AM26C32ID Datasheet HTML 4Page - Texas Instruments AM26C32ID Datasheet HTML 5Page - Texas Instruments AM26C32ID Datasheet HTML 6Page - Texas Instruments AM26C32ID Datasheet HTML 7Page - Texas Instruments AM26C32ID Datasheet HTML 8Page - Texas Instruments AM26C32ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4Y
NC
G
3Y
1Y
G
NC
2Y
2A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
AM26C32
www.ti.com
SLLS104K – DECEMBER 1990 – REVISED JUNE 2015
5 Pin Configuration and Functions
D, N, NS, PW, J or W Package
FK Package
16-Pin SOIC, PDIP, SO, TSSOP, CDIP, or CFP
20-Pin LCCC
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
SOIC, PDIP, SO,
NAME
LCCC
TSSOP, CFP, or CDIP
1A
3
2
I
RS422/RS485 differential input (noninverting)
1B
2
1
I
RS422/RS485 differential input (inverting)
1Y
4
3
O
Logic level output
2A
8
6
I
RS422/RS485 differential input (noninverting)
2B
9
7
I
RS422/RS485 differential input (inverting)
2Y
7
5
O
Logic level output
3A
13
10
I
RS422/RS485 differential input (noninverting)
3B
12
9
I
RS422/RS485 differential input (inverting)
3Y
14
11
O
Logic level output
4A
18
14
I
RS422/RS485 differential input (noninverting)
4B
19
15
I
RS422/RS485 differential input (inverting)
4Y
17
13
O
Logic level output
G
5
4
I
Active-high select
G
15
12
I
Active-low select
GND
10
8
Ground
1
6
NC(1)
Do not connect
11
16
VCC
20
16
Power Supply
(1)
NC – no internal connection.
Copyright © 1990–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AM26C32


Similar Part No. - AM26C32ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32ID TI-AM26C32ID Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26C32ID TI-AM26C32ID Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32ID TI-AM26C32ID Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32ID TI-AM26C32ID Datasheet
832Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERNTIAL LINE RECEIVER
AM26C32ID TI-AM26C32ID Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
More results

Similar Description - AM26C32ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32 TI1-AM26C32_V01 Datasheet
1Mb / 36P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2018
AM26C32 TI-AM26C32_V02 Datasheet
1Mb / 37P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2023
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com