Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11593 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ACT11593
Description  8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11593 Datasheet(HTML) 6 Page - Texas Instruments

  74ACT11593_09 Datasheet HTML 1Page - Texas Instruments 74ACT11593_09 Datasheet HTML 2Page - Texas Instruments 74ACT11593_09 Datasheet HTML 3Page - Texas Instruments 74ACT11593_09 Datasheet HTML 4Page - Texas Instruments 74ACT11593_09 Datasheet HTML 5Page - Texas Instruments 74ACT11593_09 Datasheet HTML 6Page - Texas Instruments 74ACT11593_09 Datasheet HTML 7Page - Texas Instruments 74ACT11593_09 Datasheet HTML 8Page - Texas Instruments 74ACT11593_09 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74ACT11593
8BIT BINARY COUNTER
WITH PARALLELINPUT REGISTERS AND 3STATE OUTPUTS
SCAS203 − JUNE 1992 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−6
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CCK or RCK
52
52
MHz
CCK high or low
9.6
9.6
tw
Pulse duration
RCK high or low
5.8
5.8
ns
tw
Pulse duration
CCLR low
7.6
7.6
ns
CLOAD low
6.2
6.2
CCKEN low before CCK
3.6
3.6
CCKEN high before CCK
4
4
tsu
Setup time
CCLR high before CCK
1.2
1.2
ns
tsu
Setup time
CLOAD high before CCK
5.1
5.1
ns
RCK
↑ before CLOAD↑†
7.4
7.4
Data A thru H before RCK
2.4
2.4
th
Hold time
Data A thru H after RCK
1.2
1.2
ns
th
Hold time
All others
0.8
0.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
52
52
MHz
tPLH
CCK
Q
5.6
10.2
13.3
5.6
15.1
ns
tPHL
CCK
Q
5.8
10.3
13.3
5.8
15
ns
tPLH
CLOAD
Q
5.5
12
16.9
5.5
19.1
ns
tPHL
CLOAD
Q
5.8
13.5
19.4
5.8
21.7
ns
tPHL
CCLR
Q
5
10.4
14.3
5
16
ns
tPZH
OE
Q
5.9
10.9
14.3
5.9
16.3
ns
tPZL
OE
Q
5.9
11.1
14.8
5.9
16.9
ns
tPZH
OE
Q
4.9
10.4
14.4
4.9
16.5
ns
tPZL
OE
Q
5.1
10.7
15
5.1
17
ns
tPHZ
OE
Q
5.3
9
11.8
5.3
12.9
ns
tPLZ
OE
Q
6.2
10.2
13.1
6.2
14.4
ns
tPHZ
OE
Q
5.6
8.6
10.7
5.6
11.6
ns
tPLZ
OE
Q
6.4
9.9
12
6.4
13.3
ns
tPLH
CCK
RCO
4.9
9.2
12.1
4.9
13.7
ns
tPHL
CCK
RCO
5.8
10.9
14.3
5.8
16.3
ns
tPLH
CLOAD
RCO
4.6
9.6
13.3
4.6
15
ns
tPHL
CLOAD
RCO
7.1
13.6
18.5
7.1
21
ns
tPLH
CCLR
RCO
5.1
10.3
14.5
5.1
16.2
ns
tPLH
RCK
RCO
6.7
12
15.6
6.7
17.7
ns
tPHL
RCK
RCO
7.5
13.6
17.8
7.5
20.2
ns


Similar Part No. - 74ACT11593_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11593DW TI-74ACT11593DW Datasheet
122Kb / 8P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
74ACT11593DWR TI-74ACT11593DWR Datasheet
122Kb / 8P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
74ACT11593NT TI-74ACT11593NT Datasheet
122Kb / 8P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
More results

Similar Description - 74ACT11593_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11593 TI-74ACT11593 Datasheet
122Kb / 8P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
74AC11593 TI1-74AC11593 Datasheet
177Kb / 11P
[Old version datasheet]   8-BIT BINARY COUNTER WITH 3-STATE I/O INPUT REGISTERS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI-74AC11590 Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com