Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4069UBPWG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD4069UBPWG4
Description  CMOS Hex Inverter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4069UBPWG4 Datasheet(HTML) 3 Page - Texas Instruments

  CD4069UBPWG4 Datasheet HTML 1Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 2Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 3Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 4Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 5Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 6Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 7Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 8Page - Texas Instruments CD4069UBPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VSS
VDD
F
G = A
A
B
H = B
C
I = C
L = F
E
K = E
D
J = D
3
CD4069UB
www.ti.com
SCHS054D – NOVEMBER 1998 – REVISED FEBRUARY 2016
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, J, N, NS, and PW Packages
14-Pin PDIP, CDIP, SOIC, SO, and TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A
1
I
A input
B
3
I
B input
C
5
I
C input
D
9
I
D input
E
11
I
E input
F
13
I
F input
G = A
2
O
G output
H = B
4
O
H output
I = C
6
O
I output
J = D
8
O
J output
K = E
10
O
K output
L = F
12
O
L output
VDD
14
Positive supply
VSS
7
Negative supply


Similar Part No. - CD4069UBPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBPWG4 TI-CD4069UBPWG4 Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
More results

Similar Description - CD4069UBPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com