Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4040BM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4040BM
Description  CMOS Ripple-Carry Binary Counter/Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4040BM Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4040BM Datasheet HTML 3Page - Texas Instruments CD4040BM Datasheet HTML 4Page - Texas Instruments CD4040BM Datasheet HTML 5Page - Texas Instruments CD4040BM Datasheet HTML 6Page - Texas Instruments CD4040BM Datasheet HTML 7Page - Texas Instruments CD4040BM Datasheet HTML 8Page - Texas Instruments CD4040BM Datasheet HTML 9Page - Texas Instruments CD4040BM Datasheet HTML 10Page - Texas Instruments CD4040BM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4040BPWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM040B
JM38510/05653BEA
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05653BEA
JM38510/05655BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05655BCA
M38510/05653BEA
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05653BEA
M38510/05655BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05655BCA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - CD4040BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4040BM NSC-CD4040BM Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Texas Instruments
CD4040BM TI-CD4040BM Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
National Semiconductor ...
CD4040BM NSC-CD4040BM Datasheet
136Kb / 6P
   14-Stage Ripple Carry Binary Counters
logo
Texas Instruments
CD4040BM TI-CD4040BM Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
CD4040BM96 TI-CD4040BM96 Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
More results

Similar Description - CD4040BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
   CMOS Ripple-Carry Binary Counter/Dividers
October 1996
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
logo
Estek Electronics Co. L...
IW4020B ESTEK-IW4020B Datasheet
151Kb / 6P
   ripple-carry binary counter
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
   RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B_15 Datasheet
241Kb / 9P
   CMOS 14-Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
   12-Stage Ripple Carry Binary Counter
TC74VHC4040F TOSHIBA-TC74VHC4040F Datasheet
248Kb / 7P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com