Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4050BDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4050BDWR
Description  CMOS Hex Buffer/Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050BDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4050BDWR Datasheet HTML 3Page - Texas Instruments CD4050BDWR Datasheet HTML 4Page - Texas Instruments CD4050BDWR Datasheet HTML 5Page - Texas Instruments CD4050BDWR Datasheet HTML 6Page - Texas Instruments CD4050BDWR Datasheet HTML 7Page - Texas Instruments CD4050BDWR Datasheet HTML 8Page - Texas Instruments CD4050BDWR Datasheet HTML 9Page - Texas Instruments CD4050BDWR Datasheet HTML 10Page - Texas Instruments CD4050BDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
FIGURE 12. TYPICAL POWER DISSIPATION vs INPUT RISE
AND FALL TIMES PER INVERTER FOR CD4050B
Typical Performance Curves (Continued)
106
104
103
102
1
10
102
103
104
105
TA = 25
oC
tr, tf, INPUT RISE AND FALL TIME (ns)
SUPPLY VOLTAGE VCC = 5V FREQUENCY (f) = 10kHz
106
107
108
10
105
15V; 1MHz
15V; 100kHz
10V; 100kHz
15V; 10kHz
10V; 10kHz
15V; 1kHz
Test Circuits
FIGURE 13. QUIESCENT DEVICE CURRENT TEST CIRCUIT
NOTE: Test any one input with other inputs at VCC or VSS.
FIGURE 14. INPUT VOLTAGE TEST CIRCUIT
NOTE: Measure inputs sequentially, to both VCC and VSS connect
all unused inputs to either VCC or VSS.
FIGURE 15. INPUT CURRENT TEST CIRCUIT
In Terminal - 3, 5, 7, 9, 11, or 14
Out Terminal - 2, 4, 6, 10, 12 or 15
VCC Terminal - 1
VSS Terminal - 8
FIGURE 16. LOGIC LEVEL CONVERSION APPLICATION
IDD
VCC
INPUTS
VSS
VCC
VSS
VCC
OUTPUTS
INPUTS
VIH
VIL
VSS
DVM
+
-
VCC
OUTPUTS
INPUTS
VCC
VSS
VSS
I
VCC = 5V
OUTPUT
INPUTS
10V = VIH
0 = VIL
VSS
TO DTL/TTL
CMOS 10V LEVEL TO DTL/TTL 5V LEVEL
COS/MOS
IN
0 = VOL
5V = VOH
CD4049
CD4049UB, CD4050B


Similar Part No. - CD4050BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4050BDWR TI-CD4050BDWR Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4050BDWR TI1-CD4050BDWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS to DTL/TTL Hex Converter
CD4050BDWR TI1-CD4050BDWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050BDWR TI-CD4050BDWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050BDWRE4 TI-CD4050BDWRE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

Similar Description - CD4050BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com