Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29C516E Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 29C516E
Description  16 Bit Flow Through EDAC Error Detection And Correction unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

29C516E Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 29C516E Datasheet HTML 3Page - ATMEL Corporation 29C516E Datasheet HTML 4Page - ATMEL Corporation 29C516E Datasheet HTML 5Page - ATMEL Corporation 29C516E Datasheet HTML 6Page - ATMEL Corporation 29C516E Datasheet HTML 7Page - ATMEL Corporation 29C516E Datasheet HTML 8Page - ATMEL Corporation 29C516E Datasheet HTML 9Page - ATMEL Corporation 29C516E Datasheet HTML 10Page - ATMEL Corporation 29C516E Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
29C516E
7
Rev. D (09 Dec. 97)
Table 5: 8–Bit Syndrome Word to Bit–In–Error (N22 = ”0”)
Hex
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
7
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
Syndrome Bit
6
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
SY
[..]
5
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
4
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Hex
3
2
1
0
0
0
0
0
0
N.E.D
MC4
MC5
D
MC6
D
D
D
MC7
D
D
D
D
M
M
D
1
0
0
0
1
MC0
D
D
D
D
D
D
MD7
D
M
D
M
M
D
D
D
2
0
0
1
0
MC1
D
D
M
D
D
D
D
D
M
D
D
M
D
D
MD11
3
0
0
1
1
D
D
MD6
D
D
MD8
D
D
D
M
D
D
D
D
M
D
4
0
1
0
0
MC2
D
D
D
D
M
M
M
D
D
D
MD15
M
D
D
D
5
0
1
0
1
D
M
D
D
D
D
M
M
D
D
MD12
D
D
MD5
D
D
6
0
1
1
0
D
MD9
M
D
D
D
M
M
D
D
M
D
D
M
M
D
7
0
1
1
1
M
D
D
M
M
D
D
D
M
D
D
M
M
D
D
M
8
1
0
0
0
MC3
D
D
M
D
M
D
D
D
D
D
M
M
D
D
M
9
1
0
0
1
D
M
M
D
D
M
D
D
M
M
D
D
D
M
MD13
D
A
1
0
1
0
D
MD10
MD14
D
D
D
D
D
M
D
D
D
D
M
M
D
B
1
0
1
1
D
D
D
M
MD4
D
D
D
M
M
M
M
D
M
D
M
C
1
1
0
0
D
M
D
D
D
D
M
M
D
D
MD3
D
D
MD2
D
D
D
1
1
0
1
MD0
D
D
M
D
D
M
M
D
D
D
M
M
D
D
M
E
1
1
1
0
M
D
D
M
D
D
M
M
D
D
D
M
MD1
D
D
M
F
1
1
1
1
D
M
M
D
D
M
M
M
D
M
M
D
D
M
M
D
Note :
N.E.D = No Errors Detected
MDx = Memory Data Bit–In–Error
MCx = Memory Check Bit–In–Error
D = Double–Bit–In–Error Detected
M = Multi–Bit–In–Error Detected
7. The 6–Bit Syndrome Word
This feature is available when the N22 pin is driven at a
high level.
7.1. No Errors
If there are no errors in the read Data or Check–Bit, all the
syndrome byte is ”00”. The EDAC flags are inactive.
No Error : SY=00
7.2. Single Bit–Error
A single bit–error in a Memory Data word read (MD[..])
causes three syndrome bits to be set to one. The code
formed indicates which bit of the Memory Data word is
incorrect.
For example, if MD[2] were incorrect, the syndrome byte
would have bits 2, 3 and 4 set to one. The syndrome
decoder of 29C516E EDAC decodes the information in
the syndrome byte and only sets low the error flag CERR.
In correct mode (CORRECT pin active), it inverts (and
hence corrects) the relevant bit in error of the Memory
Data word and provides the expected Data word for the
EDAC controller.
If there is an error in the Memory Check–bit (MC[..]),
only one bit of the syndrome is set to one.
In this case, the syndrome decoder sets low the
correctable error flag CERR, but NCERR does not
change. It does not correct the Check–bit because these
bits are not used by the system.


Similar Part No. - 29C516E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
More results

Similar Description - 29C516E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Intersil Corporation
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com