Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

29C516E Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. 29C516E
Description  16 Bit Flow Through EDAC Error Detection And Correction unit
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

29C516E Datasheet(HTML) 6 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
29C516E
6
Rev. D (09 Dec. 97)
6. Syndrome Decoding
The syndrome decoder generates the error flags CERR
(Correctable ERRor) and NCERR (Non–Correctable
ERRor). If a correctable error occurs, the 29C516E
EDAC provides corrected data to the user. The inputs are
the 8 syndrome bits from the syndrome generator, the 16
data bits from the memory and the control signal N22.
N22 signal controls if 22 or 24 bits shall be decode from
the entire memory word.
Table 4: 6–Bit Syndrome Word to Bit–In–Error (N22=”1”)
Hex
0
1
2
3
Syndrome Bit SY
[..]
5
0
0
1
1
4
0
1
0
1
Hex
3
2
1
0
0
0
0
0
0
N.E.D
MC4
MC5
D
1
0
0
0
1
MC0
D
D
MD7
2
0
0
1
0
MC1
D
D
MD11
3
0
0
1
1
D
MD8
MD6
D
4
0
1
0
0
MC2
D
D
MD15
5
0
1
0
1
D
MD5
MD12
D
6
0
1
1
0
D
MD9
M
D
7
0
1
1
1
M
D
D
M
8
1
0
0
0
MC3
D
D
M
9
1
0
0
1
D
M
MD13
D
A
1
0
1
0
D
MD10
MD14
D
B
1
0
1
1
MD4
D
D
M
C
1
1
0
0
D
MD2
MD3
D
D
1
1
0
1
MD0
D
D
M
E
1
1
1
0
MD1
D
D
M
F
1
1
1
1
D
M
M
D
Note :
N.E.D = No Errors Detected
MDx = Memory Data Bit–In–Error
MCx = Memory Check Bit–In–Error
D = Double–Bit–In–Error Detected
M = Multi–Bit–In–Error Detected


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn