Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

29C516E Datasheet(PDF) 16 Page - ATMEL Corporation

Part No. 29C516E
Description  16 Bit Flow Through EDAC Error Detection And Correction unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

29C516E Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button 29C516E Datasheet HTML 8Page - ATMEL Corporation 29C516E Datasheet HTML 9Page - ATMEL Corporation 29C516E Datasheet HTML 10Page - ATMEL Corporation 29C516E Datasheet HTML 11Page - ATMEL Corporation 29C516E Datasheet HTML 12Page - ATMEL Corporation 29C516E Datasheet HTML 13Page - ATMEL Corporation 29C516E Datasheet HTML 14Page - ATMEL Corporation 29C516E Datasheet HTML 15Page - ATMEL Corporation 29C516E Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
29C516E
16
Rev. D (09 Dec. 97)
12. Ordering information
Temperature Range
Package
Device
Speed
Flow
S
M
FR
29C516E
31
SB
––
M: Military
S: Space
M: 5V
version
KR: MQFPF100
FR: MQFPL100
EDAC16 rad
tolerant
31ns
Blank: Atmel Military flow
/883: Mil STD 883 class B or S
SB: ESA/SCC 9000 level B
SC: ESA/SCC 9000 level C
P883: MIL–STD–883 + PIND Test
Hxxx: Customer specification
The information contained herein is subject to change without notice. No responsibility is assumed by Atmel for using this publication and/or circuits
described herein : nor for any possible infringements of patents or other rights of third parties which may result from its use.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn