Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

29C516E Datasheet(PDF) 15 Page - ATMEL Corporation

Part No. 29C516E
Description  16 Bit Flow Through EDAC Error Detection And Correction unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

29C516E Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button 29C516E Datasheet HTML 8Page - ATMEL Corporation 29C516E Datasheet HTML 9Page - ATMEL Corporation 29C516E Datasheet HTML 10Page - ATMEL Corporation 29C516E Datasheet HTML 11Page - ATMEL Corporation 29C516E Datasheet HTML 12Page - ATMEL Corporation 29C516E Datasheet HTML 13Page - ATMEL Corporation 29C516E Datasheet HTML 14Page - ATMEL Corporation 29C516E Datasheet HTML 15Page - ATMEL Corporation 29C516E Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
29C516E
15
Rev. D (09 Dec. 97)
11.2. Operating Conditions
Table 12:
Parameter
Min..
Typ
Max
Unit
Supply voltage, Vcc
4.5
5.0
5.5
Volt
Operating temperature range
– 55
125
C
11.3. Static Electrical Characteristics
Table 13:
Parameter
Condition
Min.
Typ
Max
Unit
VIH
High level input voltage
2,2
V
VIL
Low level input voltage
0,8
V
VOH1
High level output voltage
IOH = – 20
,µΑ
Vcc–0.1
V
VOL1
Low level output voltage
IOL = + 20
,µΑ
0,1
V
VOH2
High level output voltage
IOH = – 12.8 m
Α
3,7
V
VOL2
Low level output voltage
IOL = + 12.8 m
Α
0,4
V
IIL
Low level input current
Vin = Gnd
– 10
– 1
µΑ
IILP
Low level input current, (Pull–up Input)
Vin = Gnd
– 100
– 40
µΑ
IIH
High level input current
Vin = Vcc
+ 1
+ 10
µΑ
IIHP
High level input current, (Pull–down Input)
Vin = Vcc
+ 40
+ 100
µΑ
IOZ
Output leakage current
Outputs disable,
(Gnd
<Vout<Vcc)
– 10
+ 10
µΑ
IOZLP
Output leakage current, (Pull–up Input)
Outputs disable,
(Vout
=Gnd)
– 100
– 40
µΑ
IOZHP
Output leakage current, (Pull–down Input)
Outputs disable,
(Vout
=Vcc)
+40
+ 100
µΑ
CI
Input pin capacitance
8
pF
CIO
I/O pin capacitance
12
pF
ICCSB
Standby supply current
+ 10
+ 20
µΑ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn