Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

29C516E Datasheet(PDF) 14 Page - ATMEL Corporation

Part No. 29C516E
Description  16 Bit Flow Through EDAC Error Detection And Correction unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

29C516E Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button 29C516E Datasheet HTML 8Page - ATMEL Corporation 29C516E Datasheet HTML 9Page - ATMEL Corporation 29C516E Datasheet HTML 10Page - ATMEL Corporation 29C516E Datasheet HTML 11Page - ATMEL Corporation 29C516E Datasheet HTML 12Page - ATMEL Corporation 29C516E Datasheet HTML 13Page - ATMEL Corporation 29C516E Datasheet HTML 14Page - ATMEL Corporation 29C516E Datasheet HTML 15Page - ATMEL Corporation 29C516E Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
29C516E
14
Rev. D (09 Dec. 97)
10.3. Transfer Read
Figure 7.Transfer Read Timing Diagram
U2/U1
UD2[0..15]
TRANS
RD/WR2
EN2
MEM2
UD1[0..15]
t13
t12
t20
t22
t22
t22
t18
t1
t19
t23
t23
t21
t23
Propagation Delays
t1 *
t12 *
t13 *
( * : Max Value )
14 ns
20 ns
18 ns
Output Enable /
t19 *
t18 *
t20 *
t21 *
t23 *
t22 *
( * : Max Value )
23 ns
23 ns
22 ns
22 ns
19 ns
19 ns
Disable Times
11. Electrical Characteristics
11.1. Absolute Maximum Ratings
Table 11:
Parameter
Value
Supply voltage, Vcc
– 0.5 to 7V
Input voltage range
– 0.5 to Vcc + 0.5 V
Input current per power pin
+/– 50 mA
Input current per signal pin
+/– 10 mA
Continuous output current, one pin
+/– 30 mA
Soldering lead temperature 1.6 mm from case for max 10 s
+ 300 C
Storage temperature
– 65 C to + 150 C
Maximum package power dissipation
1.0 W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn