Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

29C516E Datasheet(PDF) 9 Page - ATMEL Corporation

Part No. 29C516E
Description  16 Bit Flow Through EDAC Error Detection And Correction unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

29C516E Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button 29C516E Datasheet HTML 5Page - ATMEL Corporation 29C516E Datasheet HTML 6Page - ATMEL Corporation 29C516E Datasheet HTML 7Page - ATMEL Corporation 29C516E Datasheet HTML 8Page - ATMEL Corporation 29C516E Datasheet HTML 9Page - ATMEL Corporation 29C516E Datasheet HTML 10Page - ATMEL Corporation 29C516E Datasheet HTML 11Page - ATMEL Corporation 29C516E Datasheet HTML 12Page - ATMEL Corporation 29C516E Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
29C516E
9
Rev. D (09 Dec. 97)
Table 7: Single Bit Error
MD
[..]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
SY(hexa)
34h
2Ah
29h
25h
32h
1Ah
16h
13h
31h
23h
15h
0Bh
2Ch
1Ch
0Eh
0Dh
MC
[..]
[–]
[–]
[5]
[4]
[3]
[2]
[1]
[0]
SY(hexa)
––h
––h
20h
10h
08h
04h
02h
01h
8.3. Double–Bit Error
If two errors occur, there will be 2, 3, 4, 5, 6 or 8 bits set
to one in the syndrome byte. The syndrome value
generated by a double–bit error does not take place of a
syndrome value generated by a single–bit error. Then,
only the non correctable error flag NCERR will be
activated to indicate that errors are present but cannot be
corrected.
Example: If MD[5] and MC[7] are incorrect, syndrome
bits [0], [2], [4] and [6] are set to one (SY=55h ), NCERR
is set low and CERR remains at high level.
8.4. Triple–Bit Error
When three errors are detected, an error flag is set low as
warning to the system. But the generated syndrome can
have the listed value of single–bit error. The device must
be in detect mode to prevent false correction occurrence.
Example: If MD[0], MD[9] and MC[0] are corrupted, the
syndrome value is ”1Ah ”.
This is decoded by the 29C516E EDAC as being a
correctable error on MD[10]. The CERR flag is set low
and correction would take place if the device is in correct
mode. This would cause more errors.
8.5. 4–bit Wide Memory Error
The 8 check–bit code can be used to provide error
detection for up to 4 errors occur in the following groups:
MD[15..12], MD[11..8], MD[7..4], MD[3..0], MC[7..4]
and MC[3..0]. The 29C516E EDAC can flag any number
of errors in 4–bit wide memory chip.
A special attention must be taken, multi–bit error ( 3)
located into the defined groups can provide the syndrome
byte of a single–bit error.
Example: If MD[11], MD[10], MD[9] and MD[8] are in
error, the syndrome code is ”AD h ”.
8.6. 8–bit Wide Memory Error
The 8 check–bit code can be used to provide error
detection for up to 8 errors occurring in the following
groups: MD[15..8], MD[7..0] and MC[7..0].
The 29C516E EDAC can flag any number of errors in
8–bit wide memory chip. A special attention must be
taken, multi–bit error ( 3) located into the defined groups
can provide the syndrome byte of a single–bit error.
Example: If MD[13], MD[12], MD[10] and MD[9] are in
error, the syndrome code is ”40h ”. (In 6 check–bit
coding, the syndrome code should have been ”00h ”, the
”No Error Detected” value.) Note that the syndrome code
”40 h ” is also the code for MC[6] in error.
9. Transactions
Transactions Three types of transactions may be done:
9.1. Memory Read
The TRANS pin is driven at a high level to select the
access to the memory. The external arbiter drives the
U2/U1 pin and dispatches the commands RD/WRx,
MEMx and ENx. All transaction managed by the master
user can be listened by the second user.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn