Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALVCH16841 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN74ALVCH16841
Description  20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16841 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALVCH16841_08 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 9Page - Texas Instruments SN74ALVCH16841_08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH16841
20-BIT BUS-INTERFACE D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES043E – JULY 1995 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
D
(1)
1
5
4.7
1.2
3.9
tpd
Q
ns
LE
(1)
1
5.6
5.1
1
4.3
ten
OE
Q
(1)
1
6.2
6
1
4.9
ns
tdis
OE
Q
(1)
1.1
5.3
4.3
1.3
4.1
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
12
20
Power dissipation
Cpd
CL = 50 pF,
f = 10 MHz
pF
capacitance
Outputs disabled
(1)
1
3
(1)
This information was not available at the time of publication.
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn