Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2544RHBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2544RHBT
Description  System-on-Chip for 2.4-GHz USB Applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2544RHBT Datasheet(HTML) 2 Page - Texas Instruments

  CC2544RHBT Datasheet HTML 1Page - Texas Instruments CC2544RHBT Datasheet HTML 2Page - Texas Instruments CC2544RHBT Datasheet HTML 3Page - Texas Instruments CC2544RHBT Datasheet HTML 4Page - Texas Instruments CC2544RHBT Datasheet HTML 5Page - Texas Instruments CC2544RHBT Datasheet HTML 6Page - Texas Instruments CC2544RHBT Datasheet HTML 7Page - Texas Instruments CC2544RHBT Datasheet HTML 8Page - Texas Instruments CC2544RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CC2544
SWRS103D – JUNE 2011 – REVISED MAY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION
The CC2544 is an optimized system-on-chip (SoC) solution for USB applications with datarates upto 2Mbps built
with low bill-of-material cost. The CC2544 combines the excellent performance of a leading RF transceiver with a
single-cycle 8051 compliant CPU, 32-KB in-system programmable flash memory, up to 2-KB RAM, and many
other powerful features.
The CC2544 is compatible with the CC2541/CC2543/CC2545. It comes in a 5-mm × 5-mm QFN32 package, with
SPI/UART/USB interface. The CC2544 comes complete with reference designs from Texas Instruments.
The devices target wireless consumer and HID applications. The CC2544 is ideal for USB dongle applications.
For block diagram, see Figure 7
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Supply voltage VBUS
–0.3
5.5
V
Supply voltage VDD
All supply pins must have the same voltage
–0.3
≤3.9
V
Voltage on any digital pin
–0.3
≤3.9
V
Input RF level
10
dBm
Storage temperature range
–40
125
°C
All pins, according to human-body model, JEDEC STD 22,
2
kV
method A114 (HBM)
ESD(2)
According to charged-device model, JEDEC STD 22, method
750
V
C101 (CDM)
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD sensitive device. Precautions should be used when handing the device in order to prevent permanent damage.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Operating ambient temperature range, TA
–40
85
°C
Operating supply voltage VBUS
Optional to use this regulator
4
5.45
V
Operating supply voltage VDD
All supply pins must have same voltage
2
3.6
V
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): CC2544


Similar Part No. - CC2544RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2544 TI-CC2544 Datasheet
770Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544_15 Datasheet
346Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
More results

Similar Description - CC2544RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2544 TI-CC2544 Datasheet
770Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544_15 Datasheet
346Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2543 TI-CC2543_15 Datasheet
882Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2545 TI-CC2545_15 Datasheet
899Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI1-CC2543_16 Datasheet
926Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI-CC2543 Datasheet
811Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2545 TI1-CC2545 Datasheet
935Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_15 Datasheet
893Kb / 36P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531 TI-CC2531 Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com