Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF740PBF Datasheet(PDF) 3 Page - Thinki Semiconductor Co., Ltd.

Part # IRF740PBF
Description  10A,400V Heatsink N-Channel Type Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRF740PBF Datasheet(HTML) 3 Page - Thinki Semiconductor Co., Ltd.

  IRF740PBF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRF740PBF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRF740PBF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRF740PBF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRF740PBF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. IRF740PBF Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
2500
3000
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
Notes :
1. V
GS = 0V
2. f=1MHz
C
iss
C
oss
C
rss
V
DS, Drain-Source Voltage [V]
23
456
7
8
9
10
10
-1
10
0
10
1
V
GS, Gate-Source Voltage [V]
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 50V
2. 250μ s Pulse Test
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
V
SD, Source-Drain Voltage [V]
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
150℃
25℃
0
102030405060
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 400V
Note : I
D = 8 A
Q
G, Total Gate Charge [nC]
0
5
10
15
20
25
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
D, Drain Current [A]
V
GS = 20V
V
GS = 10V
10
-1
10
0
10
1
10
-1
10
0
10
1
V
DS, Drain-Source Voltage [V]
Top :
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
Bottom : 4.5V
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Capacitance Characteristics
Fig 6. Gate Charge Characteristics
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics
®
IRF740PBF
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 3/6
Rev.05


Similar Part No. - IRF740PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF740PBF IRF-IRF740PBF Datasheet
921Kb / 7P
   HEXFET POWER MOSFET
logo
Vishay Siliconix
IRF740PBF VISHAY-IRF740PBF Datasheet
135Kb / 8P
   Power MOSFET
S-81291-Rev. A, 16-Jun-08
logo
International Rectifier
IRF740PBF IRF-IRF740PBF Datasheet
202Kb / 9P
   Generation V Technology
logo
Kersemi Electronic Co.,...
IRF740PBF KERSEMI-IRF740PBF Datasheet
3Mb / 6P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF740PBF VISHAY-IRF740PBF Datasheet
157Kb / 8P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF740PBF

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
IRF730PBF THINKISEMI-IRF730PBF Datasheet
1Mb / 6P
   6.5A,400V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Intersil Corporation
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com