Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40109B Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD40109B
Description  CMOS Quad Low-to-High Voltage Lever Shifter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD40109B Datasheet(HTML) 5 Page - Texas Instruments

  CD40109B Datasheet HTML 1Page - Texas Instruments CD40109B Datasheet HTML 2Page - Texas Instruments CD40109B Datasheet HTML 3Page - Texas Instruments CD40109B Datasheet HTML 4Page - Texas Instruments CD40109B Datasheet HTML 5Page - Texas Instruments CD40109B Datasheet HTML 6Page - Texas Instruments CD40109B Datasheet HTML 7Page - Texas Instruments CD40109B Datasheet HTML 8Page - Texas Instruments CD40109B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD40109BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD40109BE
CD40109BF
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD40109BF
CD40109BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD40109BF3A
CD40109BK3
OBSOLETE
CFP
WR
16
TBD
Call TI
Call TI
-55 to 125
CD40109BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40109B
CD40109BNSRE4
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40109B
CD40109BNSRG4
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40109B
CD40109BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0109B
CD40109BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0109B
CD40109BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0109B
CD40109BPWRE4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0109B
CD40109BPWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0109B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - CD40109B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BE TI-CD40109BE Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109BE TI-CD40109BE Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
CD40109BEE4 TI-CD40109BEE4 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
More results

Similar Description - CD40109B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
logo
Intersil Corporation
CD40109BMS INTERSIL-CD40109BMS Datasheet
76Kb / 9P
   CMOS Quad Low-to-High Voltage Level Shifter
December 1992
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com