Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4013BM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD4013BM
Description  CMOS Dual D-type Flip Flop
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4013BM Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4013BM Datasheet HTML 2Page - Texas Instruments CD4013BM Datasheet HTML 3Page - Texas Instruments CD4013BM Datasheet HTML 4Page - Texas Instruments CD4013BM Datasheet HTML 5Page - Texas Instruments CD4013BM Datasheet HTML 6Page - Texas Instruments CD4013BM Datasheet HTML 7Page - Texas Instruments CD4013BM Datasheet HTML 8Page - Texas Instruments CD4013BM Datasheet HTML 9Page - Texas Instruments CD4013BM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4013BPWRE4
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM013B
CD4013BPWRG4
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM013B
JM38510/05151BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05151BCA
M38510/05151BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05151BCA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - CD4013BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4013BM NSC-CD4013BM Datasheet
141Kb / 6P
   Dual D Flip-Flop
logo
Texas Instruments
CD4013BM TI-CD4013BM Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
CD4013BM TI-CD4013BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
CD4013BM96 TI-CD4013BM96 Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
CD4013BM96 TI-CD4013BM96 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
More results

Similar Description - CD4013BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4013B TI-CD4013B Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD4013BMS RENESAS-CD4013BMS Datasheet
520Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
Texas Instruments
CD4013BMG4 TI-CD4013BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
logo
Intersil Corporation
CD4013BMS INTERSIL-CD4013BMS Datasheet
74Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
Motorola, Inc
MC74LCX74 MOTOROLA-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
MC74LVQ74 MOTOROLA-MC74LVQ74 Datasheet
144Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74_12 Datasheet
134Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop
July, 2012 ??Rev. 7
MC74LCX74 ONSEMI-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
REV 1
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com