Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2630F128RSMT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2630F128RSMT
Description  6LoWPAN, ZigBee Wireless MCU
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2630F128RSMT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2630F128RSMT Datasheet HTML 5Page - Texas Instruments CC2630F128RSMT Datasheet HTML 6Page - Texas Instruments CC2630F128RSMT Datasheet HTML 7Page - Texas Instruments CC2630F128RSMT Datasheet HTML 8Page - Texas Instruments CC2630F128RSMT Datasheet HTML 9Page - Texas Instruments CC2630F128RSMT Datasheet HTML 10Page - Texas Instruments CC2630F128RSMT Datasheet HTML 11Page - Texas Instruments CC2630F128RSMT Datasheet HTML 12Page - Texas Instruments CC2630F128RSMT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
28
29
27
30
13
12
14
11
26
15
25
16
31
10
32
9
VDDR_RF
X24M_N
X24M_P
VDDR
VDDS
DIO_13
DIO_14
DIO_12
DIO_3
JTAG_TMSC
DIO_4
DCOUPL
VDDS2
JTAG_TCKC
DIO_5
DIO_6
9
CC2630
www.ti.com
SWRS177B – FEBRUARY 2015 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: CC2630
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
See technical reference manual (listed in Section 8.3) for more details.
(2)
Do not supply external circuitry from this pin.
4.3
Pin Diagram – RHB Package
Note:
I/O pins marked in bold have high drive capabilities. I/O pins marked in italics have analog capabilities.
Figure 4-2. RHB Package
32-Pin VQFN
(5-mm × 5-mm) Pinout, 0.5-mm Pitch
4.4
Signal Descriptions – RHB Package
Table 4-2. Signal Descriptions – RHB Package
NAME
NO.
TYPE
DESCRIPTION
DCDC_SW
17
Power
Output from internal DC-DC(1)
DCOUPL
12
Power
1.27-V regulated digital-supply decoupling(2)
DIO_0
6
Digital I/O
GPIO, Sensor Controller
DIO_1
7
Digital I/O
GPIO, Sensor Controller
DIO_2
8
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_3
9
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_4
10
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_5
15
Digital I/O
GPIO, High drive capability, JTAG_TDO
DIO_6
16
Digital I/O
GPIO, High drive capability, JTAG_TDI
DIO_7
20
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_8
21
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_9
22
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_10
23
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_11
24
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_12
25
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_13
26
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_14
27
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
13
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
14
Digital I/O
JTAG TCKC


Similar Part No. - CC2630F128RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2630 TI-CC2630_15 Datasheet
1Mb / 50P
[Old version datasheet]   CC2630 SimpleLink 6LoWPAN / ZigBee Wireless MCU
More results

Similar Description - CC2630F128RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2630 TI-CC2630_15 Datasheet
1Mb / 50P
[Old version datasheet]   CC2630 SimpleLink 6LoWPAN / ZigBee Wireless MCU
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
[Old version datasheet]   SimpleLink ZigBee RF4CE Wireless MCU
logo
List of Unclassifed Man...
CC2650DK ETC1-CC2650DK Datasheet
73Kb / 1P
   KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
Texas Instruments
CC2650 TI1-CC2650_16 Datasheet
2Mb / 59P
[Old version datasheet]   Multistandard Wireless MCU
CC2650 TI1-CC2650 Datasheet
1Mb / 64P
[Old version datasheet]   Multistandard Wireless MCU
logo
List of Unclassifed Man...
E18-MS1-PCB ETC1-E18-MS1-PCB Datasheet
935Kb / 15P
   CC2530 2.4GHz ZigBee SMD wireless module
logo
rfsolutions.ltd
DS-ZULU RFSOLUTIONS-DS-ZULU Datasheet
1,004Kb / 9P
   RF Wireless MCU
logo
ATMEL Corporation
AT86RF233 ATMEL-AT86RF233 Datasheet
5Mb / 196P
   Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
ON Semiconductor
NCV-RSL15 ONSEMI-NCV-RSL15 Datasheet
622Kb / 36P
   Bluetooth 5.2 Wireless MCU
February, 2023 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com