Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2564MODN Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODN
Description  Bluetooth Host Controller Interface (HCI) Module
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODN Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2564MODN Datasheet HTML 7Page - Texas Instruments CC2564MODN Datasheet HTML 8Page - Texas Instruments CC2564MODN Datasheet HTML 9Page - Texas Instruments CC2564MODN Datasheet HTML 10Page - Texas Instruments CC2564MODN Datasheet HTML 11Page - Texas Instruments CC2564MODN Datasheet HTML 12Page - Texas Instruments CC2564MODN Datasheet HTML 13Page - Texas Instruments CC2564MODN Datasheet HTML 14Page - Texas Instruments CC2564MODN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
CC2564MODN, CC2564MODA
www.ti.com
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
4.7.1.4
I/O States in Various Power Modes
CAUTION
Some device I/Os are not fail-safe (see Section 3.2, Pin Attributes). Fail-safe
means that the pins do not draw current from an external voltage applied to the
pin when I/O power is not supplied to the device. External voltages are not
allowed on these I/O pins when the I/O supply voltage is not supplied because
of possible damage to the device.
Table 4-2 lists the I/O states in various power modes.
Table 4-2. I/O States in Various Power Modes
SHUT DOWN(1)
DEFAULT ACTIVE(1)
DEEP SLEEP (1)
I/O NAME
I/O State
Pull
I/O State
Pull
I/O State
Pull
HCI_RX
Z
PU
I
PU
I
PU
HCI_TX
Z
PU
O-H
O
HCI_RTS
Z
PU
O-H
O
HCI_CTS
Z
PU
I
PU
I
PU
AUD_CLK
Z
PD
I
PD
I
PD
AUD_FSYNC
Z
PD
I
PD
I
PD
AUD_IN
Z
PD
I
PD
I
PD
AUD_OUT
Z
PD
Z
PD
Z
PD
TX_DBG
Z
PU
O
(1)
I = input, O = output, Z = Hi-Z, — = no pull, PU = pullup, PD = pulldown, H = high, L = low
4.7.1.5
nSHUTD Requirements
PARAMETER
SYM
MIN
MAX
UNIT
Operation mode level (1)
VIH
1.42
1.98
V
Shutdown mode level (1)
VIL
0
0.4
V
Minimum time for nSHUT_DOWN low to reset the device
5
ms
Rise and fall times
tr and tf
20
μs
(1)
An internal 300-k
Ω pulldown retains shut-down mode when no external signal is applied to this pin.
4.7.2
Clock Specifications
4.7.2.1
Slow Clock Requirements
CHARACTERISTICS
CONDITION
SYM
MIN
TYP
MAX
UNIT
Input slow clock frequency
32768
Hz
Bluetooth
±250
Input slow clock accuracy
ppm
(Initial + temp + aging)
ANT
±50
Input transition time tr and tf
tr and tf
200
ns
(10% to 90%)
Frequency input duty cycle
15%
50%
85%
Slow clock input voltage limits
Square wave, DC-coupled
VIH
0.65 × VDD_IO
VDD_IO
V peak
VIL
0
0.35 × VDD_IO
V peak
Input impedance
1
M
Input capacitance
5
pF
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA


Similar Part No. - CC2564MODN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564 TI1-CC2564 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564 TI1-CC2564 Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564 TI1-CC2564 Datasheet
1Mb / 53P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564-BLUEBRIDGE TI-CC2564-BLUEBRIDGE Datasheet
35Kb / 3P
[Old version datasheet]   Bluetooth 4.0 Low Energy Embedded Dual Mode Module from Stonestreet One and BlueRadio - BR-LE4.0-D2
CC2564-PAN1326 TI1-CC2564-PAN1326 Datasheet
27Kb / 2P
[Old version datasheet]   Dual Mode Bluetooth짰 Smart Ready
More results

Similar Description - CC2564MODN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT21 ETC2-WT21_13 Datasheet
1Mb / 57P
   BLUETOOTH HCI MODULE
logo
Panasonic Semiconductor
PAN1315 PANASONIC-PAN1315 Datasheet
639Kb / 2P
   BLUETOOTH HCI MODULE
PAN1310-HCI-2.1 PANASONIC-PAN1310-HCI-2.1 Datasheet
358Kb / 2P
   Bluetooth V2.1 HCI Module
logo
List of Unclassifed Man...
BT111 ETC2-BT111 Datasheet
1Mb / 54P
   Bluetooth Smart Ready HCI Module
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
   Bluetooth® Smart Ready HCI Module
Version 1.27
logo
OKI electronic componet...
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
   PCMCIA Host Interface Controller
logo
Laird Tech Smart Techno...
BT850 LSTD-BT850 Datasheet
2Mb / 34P
   Bluetooth v5 Dual-Mode USB HCI Module
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
logo
Broadcom Corporation.
BCM2035 BOARDCOM-BCM2035 Datasheet
162Kb / 2P
   BLUETOOTH SINGLE CHIP HCI SOLUTION
logo
Toshiba Semiconductor
TC35661IDBG-009 TOSHIBA-TC35661IDBG-009 Datasheet
787Kb / 56P
   TC35661IDBG-009 Bluetooth® HCI IC
2017-06-13 Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com