Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM51 Datasheet(PDF) 6 Page - Jinan Jingheng (Group) Co.,Ltd

Part No. ZMM51
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Homepage  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM51 Datasheet(HTML) 6 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM51 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM51 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM51 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM51 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM51 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM51 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM51 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM51 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
Ω
10
10
10
10
10
1
1
10
100 V
10
47+51
43
0.1
1
10 mA
ZMM...
ZMM...
ZMM...
ZMM...
mV/K
W
W
rZj
rzth
Vz at Iz=5mA
Vz at Iz=5mA
Vz at Iz=5mA
Dynamic resistance versus
Zener voltage
Temperature dependence of
Zener voltage versus voltage
Thermal differential resistance
versus Zener voltage
Dynamic resistance versus
Zener current
3
2
3
2
T =25 C
J
Iz
ZMM36
39
negative
positive
r=R
V
zth
thA
Z
VZ
VZ
TJ
TJ
10
1
100
1
1
10
10
100 V
100 V
-5
0
5
10
15
20
25
rzj
IZ=
5mA
1mA
20mA
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
86
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn