Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2545RGZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2545RGZR
Description  System-on-Chip for 2.4-GHz RF Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2545RGZR Datasheet(HTML) 2 Page - Texas Instruments

  CC2545RGZR Datasheet HTML 1Page - Texas Instruments CC2545RGZR Datasheet HTML 2Page - Texas Instruments CC2545RGZR Datasheet HTML 3Page - Texas Instruments CC2545RGZR Datasheet HTML 4Page - Texas Instruments CC2545RGZR Datasheet HTML 5Page - Texas Instruments CC2545RGZR Datasheet HTML 6Page - Texas Instruments CC2545RGZR Datasheet HTML 7Page - Texas Instruments CC2545RGZR Datasheet HTML 8Page - Texas Instruments CC2545RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CC2545
SWRS106B – JUNE 2012 – REVISED FEBRUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION
The CC2545 is an optimized system-on-chip (SoC) solution with data rates up to 2Mbps built with low bill-of-
material cost. The CC2545 combines the excellent performance of a leading RF transceiver with a single-cycle
8051 compliant CPU, 32-KB in-system programmable flash memory, up to 1-KB RAM, 31 General-Purpose I/O
pins and many other powerful features. The CC2545 has efficient power modes with RAM and register retention
below 1
μA, making it highly suited for low-duty-cycle systems where ultralow power consumption is required.
Short transition times between operating modes further ensure low energy consumption.
The CC2545 is compatible with the CC2541/CC2543/CC2544. It comes in a 7-mm × 7-mm QFN48 package, with
SPI/UART/I2C interface. The CC2545 comes complete with reference designs from Texas Instruments.
The device targets wireless consumer and HID applications. The CC2545 is tailored for peripheral devices such
as wireless keyboards.
For block diagram, see Figure 7
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Supply voltage VDD
All supply pins must have the same voltage
–0.3
3.9
V
Voltage on any digital pin
–0.3
VDD+0.3 <= 3.9
V
Input RF level
10
dBm
Storage temperature range
–40
125
°C
All pads, according to human-body model, JEDEC
2000
V
STD 22, method A114 (HBM)
ESD(2)
According to charged-device model, JEDEC STD
750
V
22, method C101 (CDM)
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD sensitive device. Precaution should be used when handing the device in order to prevent permanent damage.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Operating ambient temperature range, TA
–40
85
°C
Operating supply voltage VDD
All supply pins must have same voltage
2.0
3.6
V
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - CC2545RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2545 TI-CC2545_15 Datasheet
899Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
More results

Similar Description - CC2545RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2543 TI1-CC2543_16 Datasheet
926Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI-CC2543 Datasheet
811Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI-CC2543_15 Datasheet
882Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2545 TI-CC2545_15 Datasheet
899Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2544 TI1-CC2544_16 Datasheet
387Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544 Datasheet
770Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544_15 Datasheet
346Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510 Datasheet
217Kb / 34P
   Low Power System-on-Chip For 2.4 GHz IEEE 802.15.4-2006 Applications
December, 2015 ??Rev. P5
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com