Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2545 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2545
Description  System-on-Chip for 2.4-GHz RF Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2545 Datasheet(HTML) 3 Page - Texas Instruments

  CC2545 Datasheet HTML 1Page - Texas Instruments CC2545 Datasheet HTML 2Page - Texas Instruments CC2545 Datasheet HTML 3Page - Texas Instruments CC2545 Datasheet HTML 4Page - Texas Instruments CC2545 Datasheet HTML 5Page - Texas Instruments CC2545 Datasheet HTML 6Page - Texas Instruments CC2545 Datasheet HTML 7Page - Texas Instruments CC2545 Datasheet HTML 8Page - Texas Instruments CC2545 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CC2545
www.ti.com
SWRS106B – JUNE 2012 – REVISED FEBRUARY 2013
ELECTRICAL CHARACTERISTICS
Measured on Texas Instruments CC2545EM reference design with TA = 25°C and VDD = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2 Mbps, GFSK, 320-kHz deviation
RX mode, no peripherals active, low MCU activity
20.8
mA
TX mode, 0-dBm output power, no peripherals active, low MCU activity
26.3
mA
TX mode, 5-dBm output power, no peripherals active, low MCU activity
30.2
mA
Active mode, 16-MHz RCOSC, Low MCU activity
3
mA
Active mode, 32-MHz clock frequency, low MCU activity
6
mA
Power mode 0, CPU clock halted, all peripherals on, no clock division, 32-
4.5
mA
MHz crystal selected
I core– Core current
Power mode 0, CPU clock halted, all peripherals on, clock division at max
3
mA
consumption
(Limits max speed in peripherals except radio), 32-MHz crystal selected
Power mode 1. Digital regulator ON; 16-MHz RCOSC and 32-MHz crystal
oscillator OFF; 32.753-kHz RCOSC, POR, BOD, and sleep timer active;
235
µA
RAM and register retention
Power mode 2. Digital regulator OFF, 16 MHz RCOSC and 32 MHz
crystal oscillator OFF; 32.753 kHz RCOSC, POR and sleep timer active;
0.9
µA
RAM and register retention
Power mode 3. Digital regulator OFF, no clocks, POR active; RAM and
0.4
µA
register retention
Timer 1 (16-bit). Timer running, 32-MHz XOSC used
90
µA
I peri– Peripheral
current consumption
Radio timer(40 bit). Timer running, 32-MHz XOSC used
90
µA
(Adds to core
Timer 3 (8-bit). Timer running, 32-MHz XOSC used
60
µA
current Icore for each
Timer 4 (8-bit). Timer running, 32-MHz XOSC used
70
µA
peripheral unit
activated)
Sleep timer. Including 32.753-kHz RCOSC
0.6
µA
GENERAL CHARACTERISTICS
Measured on Texas Instruments CC2545EM reference design with TA = 25°C and VDD = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKE-UP AND TIMING
Digital regulator on, 16-MHz RCOSC and 32-MHz crystal
Power mode 1
→ Active
5
µs
oscillator off. Start-up of 16-MHz RCOSC.
Digital regulator off, 16 MHz RCOSC and 32 MHz crystal
Power mode 2 or 3
→ Active
130
µs
oscillator off. Start-up of regulator and 16 MHz RCOSC.
Crystal ESR = 16
Ω. Initially running on 16-MHz RCOSC, with
500
µs
32-MHz XOSC OFF.
Active
→ TX or RX
With 32-MHz XOSC initially ON.
180
µs
RX/TX turnaround
RCOSC, with 32MHz XOSC OFF.
130
µs
RADIO PART
RF frequency range
Programmable in 1-MHz steps
2379
2496
MHz
2 Mbps, GFSK 320-kHz deviation
2-Mbps, GFSK 500 kHz deviation
1-Mbps, GFSK 250 kHz deviation
Data rates and modulation
1-Mbps, GFSK 160 kHz deviation
formats
500 kbps, MSK
250 kbps, MSK
250 kbps, GSK 160 kHz deviation
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CC2545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2545 TI-CC2545_15 Datasheet
899Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
More results

Similar Description - CC2545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2543 TI1-CC2543_16 Datasheet
926Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI-CC2543 Datasheet
811Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI-CC2543_15 Datasheet
882Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2545 TI-CC2545_15 Datasheet
899Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2544 TI1-CC2544_16 Datasheet
387Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544 Datasheet
770Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544_15 Datasheet
346Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510 Datasheet
217Kb / 34P
   Low Power System-on-Chip For 2.4 GHz IEEE 802.15.4-2006 Applications
December, 2015 ??Rev. P5
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com