Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2543RHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2543RHBT
Description  System-on-Chip for 2.4-GHz RF Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2543RHBT Datasheet(HTML) 1 Page - Texas Instruments

  CC2543RHBT Datasheet HTML 1Page - Texas Instruments CC2543RHBT Datasheet HTML 2Page - Texas Instruments CC2543RHBT Datasheet HTML 3Page - Texas Instruments CC2543RHBT Datasheet HTML 4Page - Texas Instruments CC2543RHBT Datasheet HTML 5Page - Texas Instruments CC2543RHBT Datasheet HTML 6Page - Texas Instruments CC2543RHBT Datasheet HTML 7Page - Texas Instruments CC2543RHBT Datasheet HTML 8Page - Texas Instruments CC2543RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CC2543
www.ti.com
SWRS107E – APRIL 2012 – REVISED OCTOBER 2013
System-on-Chip for 2.4-GHz RF Applications
1
FEATURES
RF section
Microcontroller
Single-Chip 2.4-GHz RF Transceiver and
High-Performance and Low-Power 8051
MCU
Microcontroller Core With Code Prefetch
Supports 250 kbps, 500 kbps, 1 Mbps and 2
32-KB Flash Program Memory
Mbps data rates
1 KB SRAM
Excellent Link Budget, Enabling Long
Hardware Debug Support
Range Without External Front-Ends
Extensive Baseband Automation, Including
Programmable Output Power up to 5 dBm
Auto-Acknowledgement and Address
Excellent Receiver Sensitivity (–90 dBm at
Decoding
2 Mbps, –98 dBm at 250 kbps)
Peripherals
Suitable for Systems Targeting Compliance
Two-Channel DMA with Access to all
With Worldwide Radio Frequency
Memory Areas and Peripherals
Regulations: ETSI EN 300 328 and EN 300
General-Purpose Timers (One 16-Bit, Two
440 Category 2 (Europe), FCC CFR47 Part
8-Bit)
15 (US), and ARIB STD-T66 (Japan)
Radio Timer, 40-Bit
Accurate RSSI Function
IR Generation Circuitry
Layout
Several Oscillators:
Few External Components
32MHz XOSC
Pin Out Suitable for Single Layer PCB
16MHz RCOSC
Applications
32kHz RCOSC
Reference Designs Available
32-kHz Sleep Timer With Capture
32-pin 5-mm × 5-mm QFN (16 General I/O
AES Security Coprocessor
Pins) Package
UART/SPI/I2C Serial Interface
Low Power
16 General-Purpose I/O pins (3 × 20-mA
Active Mode RX Best Performance: 21.2 mA
Drive Strength, Remaining pins have 4 mA
Active Mode TX (0 dBm): 26 mA
Drive Strength)
Power Mode 1 (5 µs Wake-Up): 235 µA
Watchdog Timer
Power mode 2 (sleep timer on): 0.9 µA
True Random-Number Generator
Power mode 3 (External interrupts): 0.4µA
ADC and Analog Comparator
Wide Supply Voltage Range (2V to 3.6V)
Full RAM and Register Retention in All
APPLICATIONS
Power Modes
Proprietary 2.4-GHz Systems
Human Interface Devices (keyboard, mouse)
Consumer Electronics
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2543RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2543 TI-CC2543 Datasheet
811Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI-CC2543_15 Datasheet
882Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
More results

Similar Description - CC2543RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2543 TI-CC2543 Datasheet
811Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2543 TI-CC2543_15 Datasheet
882Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2545 TI-CC2545_15 Datasheet
899Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2545 TI1-CC2545 Datasheet
935Kb / 31P
[Old version datasheet]   System-on-Chip for 2.4-GHz RF Applications
CC2544 TI1-CC2544_16 Datasheet
387Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544 Datasheet
770Kb / 30P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
CC2544 TI-CC2544_15 Datasheet
346Kb / 29P
[Old version datasheet]   System-on-Chip for 2.4-GHz USB Applications
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510 Datasheet
217Kb / 34P
   Low Power System-on-Chip For 2.4 GHz IEEE 802.15.4-2006 Applications
December, 2015 ??Rev. P5
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com