Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1350F128RGZT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC1350F128RGZT
Description  SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1350F128RGZT Datasheet(HTML) 4 Page - Texas Instruments

  CC1350F128RGZT Datasheet HTML 1Page - Texas Instruments CC1350F128RGZT Datasheet HTML 2Page - Texas Instruments CC1350F128RGZT Datasheet HTML 3Page - Texas Instruments CC1350F128RGZT Datasheet HTML 4Page - Texas Instruments CC1350F128RGZT Datasheet HTML 5Page - Texas Instruments CC1350F128RGZT Datasheet HTML 6Page - Texas Instruments CC1350F128RGZT Datasheet HTML 7Page - Texas Instruments CC1350F128RGZT Datasheet HTML 8Page - Texas Instruments CC1350F128RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
CC1350
SWRS183 – JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC1350
Revision History
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
............................ 3
2
Revision History
......................................... 4
3
Device Comparison
..................................... 5
3.1
Related Products
..................................... 5
4
Terminal Configuration and Functions
.............. 6
4.1
Pin Diagram – RGZ Package
........................ 6
4.2
Signal Descriptions – RGZ Package
................. 7
5
Specifications
............................................ 9
5.1
Absolute Maximum Ratings
.......................... 9
5.2
ESD Ratings
.......................................... 9
5.3
Recommended Operating Conditions
................ 9
5.4
Power Consumption Summary
...................... 10
5.5
RF Characteristics
.................................. 11
5.6
Receive (RX) Parameters, Sub-1 GHz
............. 11
5.7
Transmit (TX) Parameters Sub-1 GHz
.............. 13
5.8
1-Mbps GFSK (Bluetooth low energy) – RX
........ 14
5.9
1-Mbps GFSK (Bluetooth low energy) – TX
........ 15
5.10
PLL Parameters
..................................... 15
5.11
Thermal Characteristics
............................. 16
5.12
Timing and Switching Characteristics
............... 16
5.13
Typical Characteristics
.............................. 23
6
Detailed Description
................................... 31
6.1
Overview
............................................ 31
6.2
Main CPU
........................................... 31
6.3
RF Core
............................................. 32
6.4
Sensor Controller
................................... 33
6.5
Memory
.............................................. 34
6.6
Debug
............................................... 34
6.7
Power Management
................................. 35
6.8
Clock Systems
...................................... 36
6.9
General Peripherals and Modules
.................. 36
6.10
System Architecture
................................. 37
7
Application, Implementation, and Layout
......... 38
7.1
Simplelink CC1350 LaunchPad Bluetooth and Sub-
1 GHz Long Range Wireless Development Kit
..... 38
8
Device and Documentation Support
............... 39
8.1
Device Nomenclature
............................... 39
8.2
Tools and Software
................................. 40
8.3
Documentation Support
............................. 41
8.4
Texas Instruments Low-Power RF Website
........ 41
8.5
Low-Power RF eNewsletter
......................... 41
8.6
Additional Information
............................... 41
8.7
Community Resources
.............................. 42
8.8
Trademarks
.......................................... 42
8.9
Electrostatic Discharge Caution
..................... 42
8.10
Export Control Notice
............................... 42
8.11
Glossary
............................................. 43
9
Mechanical Packaging and Orderable
Information
.............................................. 43
9.1
Packaging Information
.............................. 43
2
Revision History
DATE
REVISION
NOTES
June 2016
SWRS183*
Initial Release


Similar Part No. - CC1350F128RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1350F128RGZT TI1-CC1350F128RGZT Datasheet
1,003Kb / 61P
[Old version datasheet]   SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
More results

Similar Description - CC1350F128RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1350 TI1-CC1350_16 Datasheet
1,003Kb / 61P
[Old version datasheet]   SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
CC1352P TI1-CC1352P Datasheet
499Kb / 59P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC1352P TI1-CC1352P_18 Datasheet
502Kb / 60P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC1354R10 TI1-CC1354R10 Datasheet
3Mb / 87P
[Old version datasheet]   CC1354R10 SimpleLink™ High-Performance Multi-Band Wireless MCU
REVISED JUNE 2023
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com