Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3560 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK3560
Description  Silicon N-channel power MOSFET For PDP/For high-speed switching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3560 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK3560 Datasheet HTML 1Page - Panasonic Semiconductor 2SK3560 Datasheet HTML 2Page - Panasonic Semiconductor 2SK3560 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3560
2
SJG00033AED
Safe operation area
PC  Ta
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Total gate charge
Qg
VDD = 100 V, ID = 25 A
51.2
nC
Gate-source charge
Qgs
VGS
= 10 V
8.2
nC
Gate-drain charge
Qgd
19.4
nC
Channel-case heat resistance
Rth(ch-c)
2.5
°C/W
Channel-atmosphere heat resistance
Rth(ch-a)
89.2
°C/W
■ Electrical Characteristics (Continued) T
C = 25°C ± 3°C
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
110
102
103
10−1
1
10
102
103
Non repetitive pulse
TC
= 25°C
ID
IDP
t
= 100 µs
1 ms
10 ms
Drain-source voltage V
DS (V)
0
50
150
100
Ambient temperature T
a (°C)
(1) TC
= T
a
(2) Without heat sink
(1)
(2)
0
100
80
60
40
20


Similar Part No. - 2SK3560

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3560 KEXIN-2SK3560 Datasheet
44Kb / 2P
   Silicon N-channel power MOSFET
More results

Similar Description - 2SK3560

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com