Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1310F128RGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310F128RGZR
Description  SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1310F128RGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1310F128RGZR Datasheet HTML 2Page - Texas Instruments CC1310F128RGZR Datasheet HTML 3Page - Texas Instruments CC1310F128RGZR Datasheet HTML 4Page - Texas Instruments CC1310F128RGZR Datasheet HTML 5Page - Texas Instruments CC1310F128RGZR Datasheet HTML 6Page - Texas Instruments CC1310F128RGZR Datasheet HTML 7Page - Texas Instruments CC1310F128RGZR Datasheet HTML 8Page - Texas Instruments CC1310F128RGZR Datasheet HTML 9Page - Texas Instruments CC1310F128RGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
CC13xx
28
29
27
30
VQFN32 4x4
DCDC
13
12
14
11
26
15
25
16
31
10
32
9
VDDR_RF
X24M_N
X24M_P
VSS
VDDR
DIO_9
VDDS
DIO_8
DIO_1
JTAG_TCKC
DIO_2
JTAG_TMSC
VDDS2
DIO_3
DIO_4
DCOUPL
CC1310
SWRS181B – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
4
Terminal Configuration and Functions
4.1
Pin Diagram – RSM Package
Note:
I/O pins marked in bold have high drive capabilities. I/O pins marked in italics have analog capabilities.
Figure 4-1. RSM (4-mm × 4-mm) Pinout, 0.4-mm Pitch
6
Terminal Configuration and Functions
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1310


Similar Part No. - CC1310F128RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1310 TI-CC1310 Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1310 TI-CC1310 Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1310 TI-CC1310 Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC1310 TI-CC1310 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
List of Unclassifed Man...
CC1310 ETC1-CC1310 Datasheet
1Mb / 7P
   Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
More results

Similar Description - CC1310F128RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1312R TI1-CC1312R Datasheet
550Kb / 48P
[Old version datasheet]   SimpleLink High-Performance Sub-1 GHz Wireless MCU
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
[Old version datasheet]   SimpleLink ZigBee RF4CE Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com