Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1020 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Low-Power RF Transceiver for Narrowband Systems
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 32Page - Texas Instruments CC1020 Datasheet HTML 33Page - Texas Instruments CC1020 Datasheet HTML 34Page - Texas Instruments CC1020 Datasheet HTML 35Page - Texas Instruments CC1020 Datasheet HTML 36Page - Texas Instruments CC1020 Datasheet HTML 37Page - Texas Instruments CC1020 Datasheet HTML 38Page - Texas Instruments CC1020 Datasheet HTML 39Page - Texas Instruments CC1020 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
5.9.9
AGC Settling
After turning on the RX chain, the following occurs:
A. The AGC waits 16 to 128 ADC_CLK (1.2288 MHz) periods, depending on the VGA_FREEZE setting in
the VGA1 register, for settling in the analog parts.
B. The AGC waits 16 to 48 FILTER_CLK periods, depending on the VGA_WAIT setting in the VGA1
register, for settling in the analog parts and the digital channel filter.
C. The AGC calculates the RSSI value as the average magnitude over the next 2 to 16 FILTER_CLK
periods, depending on the AGC_AVG setting in the VGA2 register.
D. If the RSSI value is higher than CS_LEVEL+8, then the carrier sense indicator is set (if CS_SET = 0).
If the RSSI value is too high according to the CS_LEVEL, VGA_UP and VGA_DOWN settings, and the
VGA gain is not already at minimum, then the VGA gain is reduced and the AGC continues from B).
E. If the RSSI value is too low according to the CS_LEVEL and VGA_UP settings, and the VGA gain is
not already at maximum (given by VGA_SETTING), then the VGA gain is increased and the AGC
continues from B).
Two to three VGA gain changes should be expected before the AGC has settled. Increasing AGC_AVG
increases the settling time, but may be worthwhile if there is the time in the protocol, and for reducing false
wake-up events when setting the carrier sense close to the noise floor.
The AGC settling time depends on the FILTER_CLK (= 2 × ChBW). Thus, there is a trade off between
AGC settling time and receiver sensitivity because the AGC settling time can be reduced for data rates
lower than 76.8 kBaud by using a wider receiver channel filter bandwidth (that is, larger ChBW).
5.9.10 Preamble Length and Sync Word
The rules for choosing a good sync word are as follows:
1. The sync word should be significantly different from the preamble.
2. A large number of transitions is good for the bit synchronization or clock recovery. Equal bits reduce
the number of transitions. The recommended sync word has at most 3 equal bits in a row.
3. Autocorrelation. The sync word should not repeat itself, as this will increase the likelihood for errors.
4. In general the first bit of sync should be opposite of last bit in preamble, to achieve one more transition.
The recommended sync words for CC1020 are 2 bytes (0xD391), 3 bytes (0xD391DA) or 4 bytes
(0xD391DA26) and are selected as the best compromise of the above criteria.
Using the register settings provided by the SmartRFM Studio software, packet error rates (PER) less than
0.5% can be achieved when using 24 bits of preamble and a 16 bit sync word (0xD391). Using a
preamble longer than 24 bits will improve the PER.
When performing the PER measurements described above the packet format consisted of 10 bytes of
random data, 2 bytes CRC and 1 dummy byte in addition to the sync word and preamble at the start of
each package.
For the test, 1000 packets were sent 10 times. The transmitter was put in power down between each
packet. Any bit error in the packet, either in the sync word, in the data or in the CRC caused the packet to
be counted as a failed packet.
36
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020


Similar Part No. - CC1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com